Electronic Components Datasheet Search
  English  ▼

X  

ISL6431A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL6431A
Description  Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6431A Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6431A Datasheet HTML 1Page - Renesas Technology Corp ISL6431A Datasheet HTML 2Page - Renesas Technology Corp ISL6431A Datasheet HTML 3Page - Renesas Technology Corp ISL6431A Datasheet HTML 4Page - Renesas Technology Corp ISL6431A Datasheet HTML 5Page - Renesas Technology Corp ISL6431A Datasheet HTML 6Page - Renesas Technology Corp ISL6431A Datasheet HTML 7Page - Renesas Technology Corp ISL6431A Datasheet HTML 8Page - Renesas Technology Corp ISL6431A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ISL6431A
FN9088 Rev 0.00
Page 3 of 10
Jul 18, 2002
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
Absolute Boot Voltage, VBOOT . . . . . . . . . . . . . . . . . . . . . . . +15.0V
Upper Driver Supply Voltage, VBOOT - VPHASE . . . . . . . . . . . +6.0V
Input, Output or I/O Voltage. . . . . . . . . . . GND -0.3V to VCC +0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±10%
Ambient Temperature Range. . . . . . . . . . . . . . . . . . . -40oC to 85oC
Junction Temperature Range . . . . . . . . . . . . . . . . . -40oC to 125oC
Thermal Resistance (Typical, Note 1)
JA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. VCC = 5.0V 5% and TA = 25oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
IVCC
2.6
3.2
3.8
mA
POWER-ON RESET
Rising VCC POR Threshold
POR
4.19
4.30
4.50
V
VCC POR Threshold Hysteresis
0.01
0.20
0.85
V
OSCILLATOR
Frequency
fOSC
VCC = 5V
250
300
340
kHz
Ramp Amplitude
VOSC
-1.5
-
VP-P
REFERENCE
Reference Voltage Tolerance
VREF
--
1.5
%
Nominal Reference Voltage
-0.800
-
V
ERROR AMPLIFIER
DC Gain
-82-
dB
Gain-Bandwidth Product
GBWP
14
-
-
MHz
Slew Rate
SR
COMP = 10pF
4.65
8.0
9.2
V/
s
GATE DRIVERS
Upper Gate Source Current
IUGATE-
SRC
VBOOT - VPHASE = 5V, VUGATE = 4V
-
-1
-
A
Upper Gate Sink Current
IUGATE-SNK
-1-
A
Lower Gate Source Current
ILGATE-SRC VVCC = 5V, VLGATE = 4V
-
-1
-
A
Lower Gate Sink Current
ILGATE-SNK
-2-
A
PROTECTION / DISABLE
OCSET Current Source
IOCSET
17
20
22
A
Disable Threshold
VDISABLE
--
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com