Electronic Components Datasheet Search
  English  ▼

X  

ISL6431A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6431A
Description  Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6431A Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6431A Datasheet HTML 1Page - Renesas Technology Corp ISL6431A Datasheet HTML 2Page - Renesas Technology Corp ISL6431A Datasheet HTML 3Page - Renesas Technology Corp ISL6431A Datasheet HTML 4Page - Renesas Technology Corp ISL6431A Datasheet HTML 5Page - Renesas Technology Corp ISL6431A Datasheet HTML 6Page - Renesas Technology Corp ISL6431A Datasheet HTML 7Page - Renesas Technology Corp ISL6431A Datasheet HTML 8Page - Renesas Technology Corp ISL6431A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN9088 Rev 0.00
Page 1 of 10
Jul 18, 2002
FN9088
Rev 0.00
Jul 18, 2002
ISL6431A
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
DATASHEET
The ISL6431A is a high efficiency, fixed frequency,
synchronous buck PWM controller. It is designed for use in
applications that convert 5V to lower distributed voltages
required for DSL modems, cable and DSL routers and
broadband gateway core processor, memory and peripheral
power supplies.
The ISL6431A makes simple work out of implementing a
complete control and protection scheme for a DC-DC
stepdown converter. Designed to drive N-channel MOSFETs
in a synchronous buck topology, the ISL6431A integrates
the control, output adjustment, monitoring and protection
functions into a single 8-Lead package.
The ISL6431A provides simple, single feedback loop,
voltage-mode control with fast transient response. The
output voltage can be precisely regulated to as low as 0.8V,
with a maximum tolerance of
1.5% over temperature and
line voltage variations. The device is capable of sinking, as
well as sourcing current. A fixed frequency oscillator reduces
design complexity, while balancing typical application cost
and efficiency.
The error amplifier features a 15MHz gain-bandwidth
product and 8V/
s slew rate which enables high converter
bandwidth for fast transient performance. The resulting
PWM duty cycles range from 0% to 100%.
Protection from overcurrent conditions is provided by
monitoring the rDS(ON) of the upper MOSFET to inhibit PWM
operation appropriately. This approach simplifies the
implementation and improves efficiency by eliminating the
need for a current sense resistor.
Features
• Operates from +5V Input
• 0.8V to VIN Output Range
- 0.8V Internal Reference
- ±1.5% Over Line Voltage and Temperature
• Drives N-Channel MOSFETs
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Cycle
• Lossless, Programmable Overcurrent Protection
- Uses Upper MOSFET’s rDS(on)
• Converter Can Source and Sink Current
• Small Converter Size
- 300kHz Fixed Frequency Oscillator
- Internal Soft Start
- 8-Lead SOIC Package
Applications
• Cable/DSL Routers and DSL Modems
• DSP and Core Communications Processor Supplies
• Broadband Gateways
• Memory Supplies
• Industrial Power Supplies
• 5V-Input DC-DC Regulators
• Low-Voltage Distributed Power Supplies
Pinout
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
ISL6431ACB
0 to 70
8 Ld SOIC
M8.15
ISL6431EVAL1
Evaluation Board
5
6
8
7
4
3
2
1
UGATE
GND
PHASE
FB
VCC
COMP/OCSET
BOOT
LGATE


Similar Part No. - ISL6431A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6431A INTERSIL-ISL6431A Datasheet
215Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
October 2002
ISL6431ACB INTERSIL-ISL6431ACB Datasheet
215Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
October 2002
More results

Similar Description - ISL6431A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6431 INTERSIL-ISL6431 Datasheet
187Kb / 10P
Advanced Pulse-Width Modulation (PWM) Controller for Home Gateways
June 2001
ISL6431A INTERSIL-ISL6431A Datasheet
215Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
October 2002
ISL6420 INTERSIL-ISL6420 Datasheet
525Kb / 19P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
July 18, 2005
ISL6420B INTERSIL-ISL6420B Datasheet
536Kb / 20P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
December 4, 2009
ISL8130 INTERSIL-ISL8130 Datasheet
1Mb / 24P
Advanced Single Universal Pulse-Width Modulation (PWM) Controller
October 5, 2012
logo
Renesas Technology Corp
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL8130 RENESAS-ISL8130 Datasheet
1Mb / 23P
Advanced Single Universal Pulse-Width Modulation (PWM) Controller
ISL6420 RENESAS-ISL6420 Datasheet
1,008Kb / 20P
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6431 RENESAS-ISL6431 Datasheet
613Kb / 10P
Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com