Electronic Components Datasheet Search
  English  ▼

X  

ISL6431A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6431A
Description  Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6431A Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6431A Datasheet HTML 1Page - Renesas Technology Corp ISL6431A Datasheet HTML 2Page - Renesas Technology Corp ISL6431A Datasheet HTML 3Page - Renesas Technology Corp ISL6431A Datasheet HTML 4Page - Renesas Technology Corp ISL6431A Datasheet HTML 5Page - Renesas Technology Corp ISL6431A Datasheet HTML 6Page - Renesas Technology Corp ISL6431A Datasheet HTML 7Page - Renesas Technology Corp ISL6431A Datasheet HTML 8Page - Renesas Technology Corp ISL6431A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ISL6431A
FN9088 Rev 0.00
Page 4 of 10
Jul 18, 2002
Functional Pin Description
VCC (Pin 5)
This pin provides the bias supply for the ISL6431A, as well as
the lower MOSFET’s gate. Connect a well-decoupled 5V
supply to this pin.
FB (Pin 6)
This pin is the inverting input of the internal error amplifier. Use
this pin, in combination with the COMP/OCSET pin, to
compensate the voltage-control feedback loop of the
converter.
GND (Pin 3)
This pin represents the signal and power ground for the IC. Tie
this pin to the ground island/plane through the lowest
impedance connection available.
PHASE (Pin 8)
Connect this pin to the upper MOSFET’s source. This pin is
used to monitor the voltage drop across the upper MOSFET for
overcurrent protection.
UGATE (Pin 2)
Connect this pin to the upper MOSFET’s gate. This pin
provides the PWM-controlled gate drive for the upper
MOSFET. This pin is also monitored by the adaptive shoot-
through protection circuitry to determine when the upper
MOSFET has turned off.
BOOT (Pin 1)
This pin provides ground referenced bias voltage to the upper
MOSFET driver. A bootstrap circuit is used to create a voltage
suitable to drive a logic-level N-channel MOSFET.
COMP/OCSET (Pin 7)
This is a multiplexed pin. During a short period of time following
power-on reset (POR), this pin is used to determine the
overcurrent threshold of the converter. Connect a resistor
(ROCSET) from this pin to the drain of the upper MOSFET
(VCC). ROCSET, an internal 20A current source (IOCSET),
and the upper MOSFET on-resistance (rDS(ON)) set the
converter overcurrent (OC) trip point according to the following
equation:
Internal circuitry of the ISL6431A will not recognize a voltage
drop across ROCSET larger than 0.5V. Any voltage drop
across ROCSET that is greater than 0.5V will set the
overcurrent trip point to:
An overcurrent trip cycles the soft-start function.
During soft-start, and all the time during normal converter
operation, this pin represents the output of the error amplifier.
Use this pin, in combination with the COMP/OCSET pin, to
compensate the voltage-control feedback loop of the
converter.
Pulling COMP/OCSET to a level below 0.8V disables the
controller. Disabling the ISL6431A causes the oscillator to
stop, the LGATE and UGATE outputs to be held low, and the
softstart circuitry to re-arm.
LGATE (Pin 4)
Connect this pin to the lower MOSFET’s gate. This pin
provides the PWM-controlled gate drive for the lower
MOSFET. This pin is also monitored by the adaptive shoot-
through protection circuitry to determine when the lower
MOSFET has turned off.
Functional Description
Initialization
The ISL6431A automatically initializes upon receipt of power. The
Power-On Reset (POR) function continually monitors the bias
voltage at the VCC pin. The POR function initiates the
Overcurrent Protection (OCP) sampling and hold operation after
the supply voltage exceeds its POR threshold. Upon completion
of the OCP sampling and hold operation, the POR function
initiates the Soft Start operation.
Over Current Protection
The overcurrent function protects the converter from a shorted
output by using the upper MOSFET’s on-resistance, rDS(ON), to
monitor the current. This method enhances the converter’s
efficiency and reduces cost by eliminating a current sensing
resistor.
The overcurrent function cycles the soft-start function in a hiccup
mode to provide fault protection. A resistor (ROCSET) programs
the overcurrent trip level (see Typical Application diagram).
Immediately following POR, the ISL6431A initiates the
Overcurrent Protection sampling and hold operation. First, the
internal error amplifier is disabled. This allows an internal 20
A
current sink to develop a voltage across ROCSET. The
ISL6431A then samples this voltage at the COMP pin. This
sampled voltage, which is referenced to the VCC pin, is held
internally as the Overcurrent Set Point.
When the voltage across the upper MOSFET, which is also
referenced to the VCC pin, exceeds the Overcurrent Set Point,
the overcurrent function initiates a soft-start sequence. Figure 1
shows the inductor current after a fault is introduced while
running at 15A. The continuous fault causes the ISL6431A to go
into a hiccup mode with a typical period of 25ms. The inductor
current increases to 18A during the Soft Start interval and
causes an overcurrent trip. The converter dissipates very little
power with this method. The measured input power for the
conditions of Figure 1 is only 1.5W.
IPEAK
IOCSETxROCSET
rDS ON

-------------------------------------------------
=
IPEAK
0.5V
rDS ON

----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com