Electronic Components Datasheet Search
  English  ▼

X  

ISL6431A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6431A
Description  Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6431A Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6431A Datasheet HTML 2Page - Renesas Technology Corp ISL6431A Datasheet HTML 3Page - Renesas Technology Corp ISL6431A Datasheet HTML 4Page - Renesas Technology Corp ISL6431A Datasheet HTML 5Page - Renesas Technology Corp ISL6431A Datasheet HTML 6Page - Renesas Technology Corp ISL6431A Datasheet HTML 7Page - Renesas Technology Corp ISL6431A Datasheet HTML 8Page - Renesas Technology Corp ISL6431A Datasheet HTML 9Page - Renesas Technology Corp ISL6431A Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ISL6431A
FN9088 Rev 0.00
Page 8 of 10
Jul 18, 2002
the approximate response time interval for application and
removal of a transient load:
where: ITRAN is the transient load current step, tRISE is the
response time to the application of load, and tFALL is the
response time to the removal of load. The worst case response
time can be either at the application or removal of load. Be
sure to check both of these equations at the minimum and
maximum output levels for the worst case response time.
Input Capacitor Selection
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use small ceramic capacitors
for high frequency decoupling and bulk capacitors to supply the
current needed each time Q1 turns on. Place the small ceramic
capacitors physically close to the MOSFETs and between the
drain of Q1 and the source of Q2.
The important parameters for the bulk input capacitor are the
voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum input
voltage and a voltage rating of 1.5 times is a conservative
guideline. The RMS current rating requirement for the input
capacitor of a buck regulator is approximately 1/2 the DC load
current.
For a through hole design, several electrolytic capacitors may be
needed. For surface mount designs, solid tantalum capacitors can
be used, but caution must be exercised with regard to the
capacitor surge current rating. These capacitors must be capable
of handling the surge-current at power-up. Some capacitor series
available from reputable manufacturers are surge current tested.
MOSFET Selection/Considerations
The ISL6431A requires 2 N-Channel power MOSFETs. These
should be selected based upon rDS(ON), gate supply
requirements, and thermal management requirements.
In high-current applications, the MOSFET power dissipation,
package selection and heatsink are the dominant design factors.
The power dissipation includes two loss components; conduction
loss and switching loss. The conduction losses are the largest
component of power dissipation for both the upper and the lower
MOSFETs. These losses are distributed between the two
MOSFETs according to duty factor. The switching losses seen
when sourcing current will be different from the switching
losses seen when sinking current. When sourcing current, the
upper MOSFET realizes most of the switching losses. The
lower switch realizes most of the switching losses when the
converter is sinking current (see the equations below). These
equations assume linear voltage-current transitions and do not
adequately model power loss due the reverse-recovery of the
upper and lower MOSFET’s body diode. The gate-charge
losses are dissipated by the ISL6431A and don't heat the
MOSFETs. However, large gate-charge increases the switching
interval, tSW which increases the MOSFET switching losses.
Ensure that both MOSFETs are within their maximum junction
temperature at high ambient temperature by calculating the
temperature rise according to package thermal-resistance
specifications. A separate heatsink may be necessary depending
upon MOSFET power, package type, ambient temperature and
air flow.
Given the reduced available gate bias voltage (5V), logic-level
or sub-logic-level transistors should be used for both N-
MOSFETs. Caution should be exercised with devices
exhibiting very low VGS(ON) characteristics. The shoot-through
protection present aboard the ISL6431A may be circumvented
by these MOSFETs if they have large parasitic impedences
and/or capacitances that would inhibit the gate of the MOSFET
from being discharged below it’s threshold level before the
complementary MOSFET is turned on.
Figure 7 shows the upper gate drive (BOOT pin) supplied by a
bootstrap circuit from VCC. The boot capacitor, CBOOT,
develops a floating supply voltage referenced to the PHASE pin.
The supply is refreshed to a voltage of VCC less the boot diode
drop (VD) each time the lower MOSFET, Q2, turns on.
tRISE =
L x ITRAN
VIN - VOUT
tFALL =
L x ITRAN
VOUT
PLOWER = Io2 x rDS(ON) x (1 - D)
Where: D is the duty cycle = VOUT / VIN,
tSW is the combined switch ON and OFF time, and
FS is the switching frequency.
Losses while Sourcing Current
Losses while Sinking Current
PLOWER
Io
2
rDS ON

1D
–

1
2
--- Io
VIN
tSW FS
+
=
PUPPER
Io
2
rDS ON

D
1
2
--- Io
VIN
tSW FS
+
=
PUPPER = Io2 x rDS(ON) x D
+5V
ISL6431A
GND
LGATE
UGATE
PHASE
BOOT
VCC
+5V
NOTE:
NOTE:
VG-S  VCC
CBOOT
DBOOT
Q1
Q2
+
-
FIGURE 7. UPPER GATE DRIVE BOOTSTRAP
VG-S  VCC -VD
+ VD -



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com