Electronic Components Datasheet Search
  English  ▼

X  

ISL6431A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6431A
Description  Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6431A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6431A Datasheet HTML 2Page - Renesas Technology Corp ISL6431A Datasheet HTML 3Page - Renesas Technology Corp ISL6431A Datasheet HTML 4Page - Renesas Technology Corp ISL6431A Datasheet HTML 5Page - Renesas Technology Corp ISL6431A Datasheet HTML 6Page - Renesas Technology Corp ISL6431A Datasheet HTML 7Page - Renesas Technology Corp ISL6431A Datasheet HTML 8Page - Renesas Technology Corp ISL6431A Datasheet HTML 9Page - Renesas Technology Corp ISL6431A Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ISL6431A
FN9088 Rev 0.00
Page 6 of 10
Jul 18, 2002
Figure 3 shows the critical power components of the converter. To
minimize the voltage overshoot, the interconnecting wires
indicated by heavy lines should be part of a ground or power
plane in a printed circuit board. The components shown in Figure
3 should be located as close together as possible. Please note
that the capacitors CIN and CO may each represent numerous
physical capacitors. Locate the ISL6431A within 3 inches of the
MOSFETs, Q1 and Q2. The circuit traces for the MOSFETs’ gate
and source connections from the ISL6431A must be sized to
handle up to 1A peak current.
Figure 4 shows the circuit traces that require additional layout
consideration. Use single point and ground plane construction
for the circuits shown. Minimize any leakage current paths on
the COMP/OCSET pin and locate the resistor, ROSCET close
to the COMP/OCSET pin because the internal current source
is only 20
A. Provide local VCC decoupling between VCC and
GND pins. Locate the capacitor, CBOOT as close as practical
to the BOOT and PHASE pins. All components used for
feedback compensation should be located as close to the IC a
practical.
Feedback Compensation
Figure 5 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage
(VOUT) is regulated to the Reference voltage level. The error
amplifier (Error Amp) output (VE/A) is compared with the
oscillator (OSC) triangular wave to provide a pulse-width
modulated (PWM) wave with an amplitude of VIN at the
PHASE node. The PWM wave is smoothed by the output filter
(LO and CO).
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
Gain and the output filter (LO and CO), with a double pole
break frequency at FLC and a zero at FESR. The DC Gain of
the modulator is simply the input voltage (VIN) divided by the
peak-to-peak oscillator voltage
VOSC.
Modulator Break Frequency Equations
The compensation network consists of the error amplifier
(internal to the ISL6431A) and the impedance networks ZIN
and ZFB. The goal of the compensation network is to provide a
closed loop transfer function with the highest 0dB crossing
frequency (f0dB) and adequate phase margin. Phase margin is
the difference between the closed loop phase at f0dB and 180
degrees. The equations below relate the compensation
network’s poles, zeros and gain to the components (R1, R2,
R3, C1, C2, and C3) in Figure 7. Use these guidelines for
locating the poles and zeros of the compensation network:
1. Pick Gain (R2/R1) for desired converter bandwidth.
2. Place 1ST Zero Below Filter’s Double Pole (~75% FLC).
3. Place 2ND Zero at Filter’s Double Pole.
4. Place 1ST Pole at the ESR Zero.
5. Place 2ND Pole at Half the Switching Frequency.
LO
CO
LGATE
UGATE
PHASE
Q1
Q2
VIN
VOUT
RETURN
ISL6431A
CIN
FIGURE 3. PRINTED CIRCUIT BOARD POWER AND
GROUND PLANES OR ISLANDS
FIGURE 4. PRINTED CIRCUIT BOARD SMALL SIGNAL
LAYOUT GUIDELINES
+5V
ISL6431A
COMP/OCSET
GND
VCC
BOOT
D1
LO
CO
VOUT
Q1
Q2
PHASE
+VIN
CBOOT
CVCC
+5V
FIGURE 5. VOLTAGE-MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
REFERENCE
LO
CO
ESR
VIN
VOSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
ZFB
+
-
REFERENCE
R1
R3
R2
C3
C2
C1
COMP
VOUT
FB
ZFB
ISL6431A
ZIN
COMPARATOR
DRIVER
DETAILED COMPENSATION COMPONENTS
PHASE
VE/A
+
-
+
-
ZIN
OSC
FLC
1
2
 x LO x CO
-------------------------------------------
=
FESR
1
2
 x ESR x CO
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com