Electronic Components Datasheet Search
  English  ▼

X  

NDL7620PC Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NDL7620PC
Description  LASER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NDL7620PC Datasheet(HTML) 3 Page - Renesas Technology Corp

  NDL7620PC Datasheet HTML 1Page - Renesas Technology Corp NDL7620PC Datasheet HTML 2Page - Renesas Technology Corp NDL7620PC Datasheet HTML 3Page - Renesas Technology Corp NDL7620PC Datasheet HTML 4Page - Renesas Technology Corp NDL7620PC Datasheet HTML 5Page - Renesas Technology Corp NDL7620PC Datasheet HTML 6Page - Renesas Technology Corp NDL7620PC Datasheet HTML 7Page - Renesas Technology Corp NDL7620PC Datasheet HTML 8Page - Renesas Technology Corp NDL7620PC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice.
LASER DIODE
NDL7620P Series
DATA SHEET
1 310 nm OPTICAL FIBER COMMUNICATIONS
InGaAsP STRAINED MQW-DFB LASER DIODE
COAXIAL MODULE FOR 2.5 Gb/s
Document No. P11351EJ4V0DS00 (4th edition)
Date Published February 1998 NS CP(K)
Printed in Japan
The mark
•
•
•
• shows major revised points.
1996
©
DESCRIPTION
The NDL7620P Series is a 1 310 nm
λ/4-phase-shifted DFB (Distributed Feed-Back) laser diode coaxial module
with internal optical isolator. Newly developed strained Multiple Quantum Well (st-MQW) structure is adopted to
achieve stable dynamic single longitudinal mode operation over wide temperature range of 0 to +70
°C. It is
designed for STM-16 applications.
FEATURES
• High-speed response
tr = 40 ps, tf = 100 ps
• Peak emission wavelength
λp = 1 310 nm
• Wide operating temperature range
TC = 0 to +70
°C
• Internal optical isolator
•
λ/4-phase-shifted DFB
• InGaAs monitor PIN-PD
PACKAGE DIMENSIONS
in millimeters
NDL7620P
Optical Fiber
SM-9/125
Length: 1 m
3.2±0.25
φ
0.9
φ
7±0.2
φ
0.45
±0.05
φ
6±0.1
φ
PIN CONNECTIONS
4
1
3
2
PD
LD
Case
43
2
1
P.C.D. = 2
φ
NDL7620P1
PIN CONNECTIONS
4
1
3
2
PD
LD
Case
43
2
1
P.C.D. = 2
φ
12.7±0.2
17.0±0.2
Optical Fiber
SM-9/125
Length: 1 m
6±1.0
φ
7±0.2
φ
3.2±0.25
φ
0.45
±0.05
φ
0.9
φ
NDL7620P2
Optical Fiber
SM-9/125
Length: 1 m
7±0.2
φ
3.2±0.25
φ
0.9
φ
4– 0.45
±0.05
φ
PIN CONNECTIONS
PD
3
2
4
1
LD Case
12±0.15
16.0
4
3
2
1
P.C.D. = 2
φ
2– 2.5
φ
16
φ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com