Electronic Components Datasheet Search
  English  ▼

X  

NDL7620PC Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NDL7620PC
Description  LASER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NDL7620PC Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button NDL7620PC Datasheet HTML 2Page - Renesas Technology Corp NDL7620PC Datasheet HTML 3Page - Renesas Technology Corp NDL7620PC Datasheet HTML 4Page - Renesas Technology Corp NDL7620PC Datasheet HTML 5Page - Renesas Technology Corp NDL7620PC Datasheet HTML 6Page - Renesas Technology Corp NDL7620PC Datasheet HTML 7Page - Renesas Technology Corp NDL7620PC Datasheet HTML 8Page - Renesas Technology Corp NDL7620PC Datasheet HTML 9Page - Renesas Technology Corp NDL7620PC Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4
NDL7620P Series
TYPICAL CHARACTERISTICS (TC = 25
°°°°C, unless otherwise specified)
5.05
0.05
2.55
FREQUENCY RESPONSE (S21)
Frequency f (GHz)
Pf = 2 mW
Pf = 2 mW
5.05
0.05
2.55
RETURN LOSS CHARACTERISTICS (S11)
Frequency f (GHz)
TC = 0 ˚C
25 ˚C
70 ˚C
10
8
6
4
2
0
20
406080
100
Forward Current IF (mA)
OPTICAL OUTPUT POWER FROM FIBER vs.
FORWARD CURRENT
Pf = 2 mW
Ith
Iop
100
50
10
5
20
30
0
204060
80
–20
Case Temperature TC (˚C)
OPERATING CURRENT AND THRESHOLD
CURRENT vs. CASE TEMPERATURE
TC = 70 ˚C,
2.488 Gb/s,
NRZ,
Ib = Ith
10
–30
–70
1.3114
1.3214
1.3314
LONGITUDINAL MODE
Wavelength
λ (nm)
TC = 0 ˚C,
2.488 Gb/s,
NRZ,
Ib = Ith
10
–30
–70
1.3054
1.3154
1.3254
LONGITUDINAL MODE
Wavelength
λ (nm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com