Electronic Components Datasheet Search
  English  ▼

X  

NDL7620PC Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NDL7620PC
Description  LASER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NDL7620PC Datasheet(HTML) 5 Page - Renesas Technology Corp

  NDL7620PC Datasheet HTML 1Page - Renesas Technology Corp NDL7620PC Datasheet HTML 2Page - Renesas Technology Corp NDL7620PC Datasheet HTML 3Page - Renesas Technology Corp NDL7620PC Datasheet HTML 4Page - Renesas Technology Corp NDL7620PC Datasheet HTML 5Page - Renesas Technology Corp NDL7620PC Datasheet HTML 6Page - Renesas Technology Corp NDL7620PC Datasheet HTML 7Page - Renesas Technology Corp NDL7620PC Datasheet HTML 8Page - Renesas Technology Corp NDL7620PC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3
NDL7620P Series
ELECTRO-OPTICAL CHARACTERISTICS (TC = 0 to +70
°°°°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward Voltage
VF
Pf = 2 mW, TC = 25
°C0.9
1.4
V
Optical Output Power from Fiber
Pf
IF = Ith + 40 mA
2.0
mW
Threshold Current
Ith
45
mA
Differential Efficiency from Fiber
ηd
Pf = 2 mW
0.05
W/A
Temperature Dependence of
Differential Efficiency from Fiber
∆ηd
−3.5
−2.5
dB
Peak Emission Wavelength
λp
Pf = 1 mW, Ib = Ith,
1 290
1 310
1 330
nm
Side Mode Suppression Ratio
SMSR
2.5 G/s-NRZ, PN 1/2
30
40
dB
Rise Time
tr
10-90%, Ib = 0.9
× Ith
40
125
ps
Fall Time
tf
90-10%, Ib = 0.9
× Ith
100
200
ps
Monitor Current
Im
VR = 5 V, Pf = 2 mW
50
2 000
µA
Monitor Dark Current
ID
VR = 5 V, TC = 25
°C0.5
5.0
nA
Monitor PD Terminal Capacitance
Ct
VR = 5 V
1.0
1.5
pF
Tracking Error
γ*1
Im = const.
1.0
dB
*1
γ = 10 log
Pf
(mW)
2
Pf
0
Im
Im
TC = 25 ˚C
TC = 0 to +70 ˚C
(@ Pf (25 ˚C) = 2 mW)
Pf
2 mW
∆ηd = 10 log
ηd (TC = 70 °C)
ηd (TC = 25 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com