Electronic Components Datasheet Search
  English  ▼

X  

NDL7620PC Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NDL7620PC
Description  LASER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NDL7620PC Datasheet(HTML) 4 Page - Renesas Technology Corp

  NDL7620PC Datasheet HTML 1Page - Renesas Technology Corp NDL7620PC Datasheet HTML 2Page - Renesas Technology Corp NDL7620PC Datasheet HTML 3Page - Renesas Technology Corp NDL7620PC Datasheet HTML 4Page - Renesas Technology Corp NDL7620PC Datasheet HTML 5Page - Renesas Technology Corp NDL7620PC Datasheet HTML 6Page - Renesas Technology Corp NDL7620PC Datasheet HTML 7Page - Renesas Technology Corp NDL7620PC Datasheet HTML 8Page - Renesas Technology Corp NDL7620PC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2
NDL7620P Series
ORDERING INFORMATION
Part Number
Available Connector
Flange Type
NDL7620P
Without Connector
No Flange
NDL7620PC
With FC-PC Connector
NDL7620PD
With SC-PC Connector
NDL7620P1
Without Connector
Flat Mount Flange
NDL7620P1C
With FC-PC Connector
NDL7620P1D
With SC-PC Connector
NDL7620P2
Without Connector
Vertical Flange
NDL7620P2C
With FC-PC Connector
NDL7620P2D
With SC-PC Connector
ABSOLUTE MAXIMUM RATINGS (TC = 0 to +70
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Forward Current of LD
IF
150
mA
Optical Output Power from Fiber
Pf
5.0
mW
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
0 to +70
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature (10 s)
Tsld
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com