Electronic Components Datasheet Search
  English  ▼

X  

NDL7620PC Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NDL7620PC
Description  LASER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NDL7620PC Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button NDL7620PC Datasheet HTML 2Page - Renesas Technology Corp NDL7620PC Datasheet HTML 3Page - Renesas Technology Corp NDL7620PC Datasheet HTML 4Page - Renesas Technology Corp NDL7620PC Datasheet HTML 5Page - Renesas Technology Corp NDL7620PC Datasheet HTML 6Page - Renesas Technology Corp NDL7620PC Datasheet HTML 7Page - Renesas Technology Corp NDL7620PC Datasheet HTML 8Page - Renesas Technology Corp NDL7620PC Datasheet HTML 9Page - Renesas Technology Corp NDL7620PC Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
5
NDL7620P Series
TC = 25 ˚C
EYE DIAGRAM
Time Base (100 ps/div.)
TC = 70 ˚C
EYE DIAGRAM
Time Base (100 ps/div.)
2.5 Gb/s, NRZ,
Ref. = –14 dB
–36
–35
–34
–33
–32
–31
–30
10
–5
10
–6
10
–7
10
–8
10
–9
10
–10
10
–11
ERROR RATE CHARACTERISTICS
Average Received Power P (dBm)
TC = 0 ˚C
back to back
after 50 km
70 ˚C
Remark The measurement of TYPICAL CHARACTERISTICS are only for reference, not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com