Electronic Components Datasheet Search
  English  ▼

X  

SSM2304 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2304
Description  2 W Filterless Class-D Stereo Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2304 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2304 Datasheet HTML 2Page - Analog Devices SSM2304 Datasheet HTML 3Page - Analog Devices SSM2304 Datasheet HTML 4Page - Analog Devices SSM2304 Datasheet HTML 5Page - Analog Devices SSM2304 Datasheet HTML 6Page - Analog Devices SSM2304 Datasheet HTML 7Page - Analog Devices SSM2304 Datasheet HTML 8Page - Analog Devices SSM2304 Datasheet HTML 9Page - Analog Devices SSM2304 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SSM2304
Preliminary Technical Data
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
OUTL+
2
OUTL–
3
SD
4
INL+
11 OUTR–
12 OUTR+
10 GAIN
9INR+
TOP VIEW
(Not to Scale)
SSM2304
Figure 2. SSM2304 LFCSP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUTL+
Inverting Output for Left Channel.
2
OUTL−
Noninverting Output for Left Channel.
3
SD
Shutdown Input. Active low digital input.
4
INL+
Noninverting Input for Left Channel.
5
INL−
Inverting Input for Left Channel.
6
NC
No Connect.
7
NC
No Connect.
8
INR−
Inverting Input for Right Channel.
9
INR+
Noninverting Input for Right Channel.
10
GAIN
Gain Selection. Digital input.
11
OUTR−
Noninverting Output for Right Channel.
12
OUTR+
Inverting Output for Right Channel.
13
GND
Ground for Output Amplifiers.
14
VDD
Power Supply for Output Amplifiers.
15
VDD
Power Supply for Output Amplifiers.
16
GND
Ground for Output Amplifiers.
Rev. PrD | Page 6 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com