Electronic Components Datasheet Search
  English  ▼

X  

SSM2304 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2304
Description  2 W Filterless Class-D Stereo Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2304 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2304 Datasheet HTML 5Page - Analog Devices SSM2304 Datasheet HTML 6Page - Analog Devices SSM2304 Datasheet HTML 7Page - Analog Devices SSM2304 Datasheet HTML 8Page - Analog Devices SSM2304 Datasheet HTML 9Page - Analog Devices SSM2304 Datasheet HTML 10Page - Analog Devices SSM2304 Datasheet HTML 11Page - Analog Devices SSM2304 Datasheet HTML 12Page - Analog Devices SSM2304 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Preliminary Technical Data
SSM2304
1.0
0
00.8
OUTPUT POWER (W)
VDD = 3.6V
RL = 8Ω, 33µH
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Figure 15. Power Dissipation vs. Output Power at VDD = 3.6 V
1.8
0
01.3
OUTPUT POWER (W)
VDD = 5V
RL = 8Ω, 33µH
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Figure 16. Power Dissipation vs. Output Power at VDD = 5.0 V
Figure 17. Output Power vs. Load Resistance, THD = 10%
Figure 18. Output Power vs. Load Resistance, THD = 1%
400
0
01.6
OUTPUT POWER (W)
VDD = 2.5V
VDD = 3.6V
VDD = 5V
350
300
250
200
150
100
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
RL = 8Ω, 33µH
Figure 19. Output Power vs. Supply Current, One Channel
0
–100
10
100k
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
100
1k
10k
Figure 20. Power Supply Rejection Ratio vs. Frequency
Rev. PrD | Page 9 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com