Electronic Components Datasheet Search
  English  ▼

X  

SSM2304 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2304
Description  2 W Filterless Class-D Stereo Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2304 Datasheet(HTML) 2 Page - Analog Devices

  SSM2304 Datasheet HTML 1Page - Analog Devices SSM2304 Datasheet HTML 2Page - Analog Devices SSM2304 Datasheet HTML 3Page - Analog Devices SSM2304 Datasheet HTML 4Page - Analog Devices SSM2304 Datasheet HTML 5Page - Analog Devices SSM2304 Datasheet HTML 6Page - Analog Devices SSM2304 Datasheet HTML 7Page - Analog Devices SSM2304 Datasheet HTML 8Page - Analog Devices SSM2304 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SSM2304
Preliminary Technical Data
FUNCTIONAL BLOCK DIAGRAM
GAIN
CONTROL
FET
DRIVER
MODULATOR
0.1µF
VDD
VDD
GND
GND
INTERNAL
OSCILLATOR
OUTR+
OUTR–
OUTL+
OUTL–
GAIN
CONTROL
BIAS
FET
DRIVER
MODULATOR
INR+
VBATT
2.5V TO 5.0V
INR–
GAIN
SD
GAIN
SHUTDOWN
INL+
INL–
10µF
0.01µF1
1 INPUT CAPS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
0.01µF1
0.01µF1
0.01µF1
LEFT IN+
LEFT IN–
RIGHT IN–
RIGHT IN+
SSM2304
Figure 1.
Rev. PrD | Page 2 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com