Electronic Components Datasheet Search
  English  ▼

X  

SSM2304 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2304
Description  2 W Filterless Class-D Stereo Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2304 Datasheet(HTML) 1 Page - Analog Devices

  SSM2304 Datasheet HTML 1Page - Analog Devices SSM2304 Datasheet HTML 2Page - Analog Devices SSM2304 Datasheet HTML 3Page - Analog Devices SSM2304 Datasheet HTML 4Page - Analog Devices SSM2304 Datasheet HTML 5Page - Analog Devices SSM2304 Datasheet HTML 6Page - Analog Devices SSM2304 Datasheet HTML 7Page - Analog Devices SSM2304 Datasheet HTML 8Page - Analog Devices SSM2304 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2 W Filterless Class-D
Stereo Audio Amplifier
Preliminary Technical Data
SSM2304
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Filterless Class-D amplifier with built-in output stage
2 W into 4 Ω and 1.2 W into 8 Ω at 5.0 V supply with less than
10% THD
85% efficiency at 5.0 V, 2W into 4 Ω speaker
Better than 95dB SNR (signal-to-noise ratio)
Available in 16-lead 3 mm × 3 mm LFCSP
Single-supply operation from 2.2 V to 5.0 V
20 nA ultralow shutdown current
Short-circuit and thermal protection
Pop-and-click suppression
Built-in resistors reduce board component count
Default fixed 18dB gain and user-adjustable
APPLICATIONS
Notebooks and PCs
Mobile phones
MP3 players
Portable gaming
Portable electronics
Educational toys
GENERAL DESCRIPTION
The SSM2304 is a fully integrated, high efficiency, Class-D stereo
audio amplifier. It is designed to maximize performance for
portable applications. The application circuit requires a
minimum of external components and operates from a single
2.2 V to 5.0 V supply. It is capable of delivering 2 W of con-
tinuous output power with less than 10% THD + N driving a
4 Ω load from a 5.0 V supply.
The SSM2304 features a high efficiency, low noise modulation
scheme. It operates with 85% efficiency at 2 W into 4 Ω from a
5.0 V supply and has a signal-to-noise ratio (SNR) that is better
than 95 dB. PDM modulation is used to provide lower EMI-
radiated emissions compared with other Class-D architectures.
The SSM2304 has a micropower shutdown mode with a typical
shutdown current of 20 nA. Shutdown is enabled by applying a
logic low to the SD pin.
The architecture of the device allows it to achieve a very low level
of pop and click. This minimizes voltage glitches at the output
during turn-on and turn-off, thus reducing audible noise on
activation and deactivation.
The fully differential input of the SSM2304 provides excellent
rejection of common-mode noise on the input. Input coupling
capacitors can be omitted if the dc input common-mode voltage
is approximately VDD/2.
The SSM2304 also has excellent rejection of power supply noise,
including noise caused by GSM transmission bursts and RF
rectification. PSRR is typically 70 dB at 217 Hz.
The gain can be set to 6 dB or 18 dB utilizing the gain control
select pin connected respectively to ground or VDD. Gain can
also be adjusted externally by using an external resistor.
The SSM2304 is specified over the commercial temperature range
(−40°C to +85°C). It has built-in thermal shutdown and output
short-circuit protection. It is available in a 16-lead, 3 mm × 3 mm
lead-frame chip scale package (LFCSP).
Rev. PrD


Similar Part No. - SSM2304

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM2304AGN SSC-SSM2304AGN Datasheet
256Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
SSM2304AGN VBSEMI-SSM2304AGN Datasheet
490Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Silicon Standard Corp.
SSM2304N SSC-SSM2304N Datasheet
151Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
2 W Filterless Class-D Stereo Audio Amplifier
REV. 0
More results

Similar Description - SSM2304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2 Datasheet
180Kb / 13P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
EVAL-SSM2306 AD-EVAL-SSM2306_15 Datasheet
671Kb / 8P
Evaluation Board for 2 W, Filterless, Class-D Stereo Audio Amplifier
Rev. 0
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
2 W Filterless Class-D Stereo Audio Amplifier
REV. 0
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM3302 AD-SSM3302_13 Datasheet
851Kb / 20P
2 횞10 W Filterless Class-D Stereo Audio Amplifier
5/13-Rev. 0 to Rev. A
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com