Electronic Components Datasheet Search
  English  ▼

X  

SSM2304 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM2304
Description  2 W Filterless Class-D Stereo Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2304 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM2304 Datasheet HTML 11Page - Analog Devices SSM2304 Datasheet HTML 12Page - Analog Devices SSM2304 Datasheet HTML 13Page - Analog Devices SSM2304 Datasheet HTML 14Page - Analog Devices SSM2304 Datasheet HTML 15Page - Analog Devices SSM2304 Datasheet HTML 16Page - Analog Devices SSM2304 Datasheet HTML 17Page - Analog Devices SSM2304 Datasheet HTML 18Page - Analog Devices SSM2304 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SSM2304
Preliminary Technical Data
SSM2304 STEREO CLASS-D AMPLIFIER EVALUATION MODULE COMPONENT LIST
Table 6.
Reference
Description
Footprint
Quantity
Manufacturer/Part Number
C8, C9, C10, C11
Capacitors, 0.01 μF
0402
4
Murata Manufacturing Co., Ltd./GRM15
C6, C7
Capacitor, 0.1 μF
0603
2
Murata Manufacturing Co., Ltd./GRM18
C5
Capacitor, 10 μF
0805
1
Murata Manufacturing Co., Ltd./GRM21
C1, C2, C3, C4
Capacitor, 1 nF
0402
4
Murata Manufacturing Co., Ltd./GRM15
R3, R4
Resistor, 100 kΩ
0603
2
Vishay/CRCW06031003F
L1, L2, L3, L4
Ferrite bead
0402
4
Murata Manufacturing Co., Ltd./BLM15EG121
U1
IC, SSM2304
3.0 mm × 3.0 mm
1
SSM2304CSPZ
EVAL BOARD
PCB evaluation board
1
Rev. PrD | Page 16 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com