Electronic Components Datasheet Search
  English  ▼

X  

MPC604 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MPC604 Datasheet HTML 11Page - NXP Semiconductors MPC604 Datasheet HTML 12Page - NXP Semiconductors MPC604 Datasheet HTML 13Page - NXP Semiconductors MPC604 Datasheet HTML 14Page - NXP Semiconductors MPC604 Datasheet HTML 15Page - NXP Semiconductors MPC604 Datasheet HTML 16Page - NXP Semiconductors MPC604 Datasheet HTML 17Page - NXP Semiconductors MPC604 Datasheet HTML 18Page - NXP Semiconductors MPC604 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
PowerPC 604 RISC Microprocessor Technical Summary
15
NOTE
A bar over a signal name indicates that the signal is active low—for
example, ARTRY (address retry) and TS (transfer start). Active-low
signals are referred to as asserted (active) when they are low and negated
when they are high. Signals that are not active-low, such as AP0–AP3
(address bus parity signals) and TT0–TT4 (transfer type signals) are
referred to as asserted when they are high and negated when they are low.
1.2.5.3 Signal Configuration
Figure 5 illustrates the logical pin configuration of the 604, showing how the signals are grouped.
1.2.6 Clocking
The 604 has a phase-locked loop (PLL) that generates the internal processor clock. The input, or reference
signal, to the PLL is the bus clock. The feedback in the PLL guarantees that the processor clock is phase
locked to the bus clock, regardless of process variations, temperature changes, or parasitic capacitances. The
PLL also ensures a 50% duty cycle for the processor clock.
The 604 supports the following processor-to-bus clock frequency ratios—1:1, 1.5:1, 2:1, and 3:1, although
not all ratios are available for all frequencies. Table 1 shows the supported processor frequencies for
different bus frequencies.
Table 1. Supported Processor/Bus Frequency Ratios
Bus
Frequency
(MHz)
Supported Processor/Bus Clock Ratios
1:1
1.5:1
2:1
3:1
16.5–33.3
Yes
Yes
Yes
Yes
33.4–50.0
Yes
Yes
Yes
No
50.1–66.6
Yes
Yes
No
No
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com