Electronic Components Datasheet Search
  English  ▼

X  

MPC604 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MPC604
Description  PowerPCTM 604 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MPC604 Datasheet HTML 23Page - NXP Semiconductors MPC604 Datasheet HTML 24Page - NXP Semiconductors MPC604 Datasheet HTML 25Page - NXP Semiconductors MPC604 Datasheet HTML 26Page - NXP Semiconductors MPC604 Datasheet HTML 27Page - NXP Semiconductors MPC604 Datasheet HTML 28Page - NXP Semiconductors MPC604 Datasheet HTML 29Page - NXP Semiconductors MPC604 Datasheet HTML 30Page - NXP Semiconductors MPC604 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
PowerPC 604 RISC Microprocessor Technical Summary
27
Table 3. Exceptions and Conditions
Exception
Type
Vector Offset
(hex)
Causing Conditions
Reserved
00000
—
System reset
00100
A system reset is caused by the assertion of either the soft reset or hard reset
signal.
Machine check
00200
A machine check exception is signaled by the assertion of a qualified TEA
indication on the 604 bus, or the machine check input (MCP) signal. If the
MSR[ME] is cleared, the processor enters the checkstop state when one of
these signals is asserted. Note that MSR[ME] is cleared when an exception is
taken. The machine check exception is also caused by parity errors on the
address or data bus or in the instruction or data caches.
The assertion of the TEA signal is determined by load and store operations
initiated by the processor; however, it is expected that the TEA signal would be
used by a memory controller to indicate that a memory parity error or an
uncorrectable memory ECC error has occurred.
Note that the machine check exception is imprecise with respect to the
instruction that originated the bus operation.
Data access
00300
The cause of a data access exception can be determined by the bit settings in
the DSISR, listed as follows:
0 Set if a load or store instruction results in an I/O controller interface
exception; otherwise cleared.
1 Set if the translation of an attempted access is not found in the primary table
entry group (PTEG), or in the rehashed secondary PTEG, or in the range of a
BAT register; otherwise cleared.
4 Set if a memory access is not permitted by the page or BAT protection
mechanism; otherwise cleared.
5 If SR[T] = 1, set by an eciwx, ecowx, lwarx, or stwcx. instruction; otherwise
cleared. Set by an eciwx or ecowx instruction if the access is to an address
that is marked as write-through.
6 Set for a store operation and cleared for a load operation.
9 Set if an EA matches the address in the DABR while in one of the three
compare modes.
10Set if the segment table search fails to find a translation for the effective
address; otherwise cleared.
11 Set if eciwx or ecowx is used and EAR[E] is cleared.
Instruction
access
00400
An instruction access exception is caused when an instruction fetch cannot be
performed for any of the following reasons:
•
The effective address cannot be translated. That is, there is a page fault for
this portion of the translation, so an instruction access exception must be
taken to retrieve the translation from a storage device such as a hard disk
drive.
•
The fetch access is to an I/O controller interface segment.
•
The fetch access violates memory protection. If the key bits (Ks and Kp) bits
in the segment register and the PP bits in the PTE or BAT are set to prohibit
read access, instructions cannot be fetched from this location.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com