Electronic Components Datasheet Search
  English  ▼

X  

MPC604E Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPC604E
Description  PowerPC 604eTM RISC Microprocessor Technical Summary
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604E Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPC604E Datasheet HTML 3Page - NXP Semiconductors MPC604E Datasheet HTML 4Page - NXP Semiconductors MPC604E Datasheet HTML 5Page - NXP Semiconductors MPC604E Datasheet HTML 6Page - NXP Semiconductors MPC604E Datasheet HTML 7Page - NXP Semiconductors MPC604E Datasheet HTML 8Page - NXP Semiconductors MPC604E Datasheet HTML 9Page - NXP Semiconductors MPC604E Datasheet HTML 10Page - NXP Semiconductors MPC604E Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
PowerPC 604e RISC Microprocessor Technical Summary
7
— Caches can be locked
— Parity checking performed on both caches
— Data cache coherency (MESI) maintained in hardware
— Secondary data cache support provided
— Instruction cache coherency maintained in hardware
— Data cache line-fill buffer forwarding. In the 604 only the critical double word of the cache
block was made available to the requesting unit at the time it was burst into the line-fill buffer.
Subsequent data was unavailable until the cache block was filled. On the 604e, subsequent data
is also made available as it arrives in the line-fill buffer.
•
Separate memory management units (MMUs) for instructions and data
— Address translation facilities for 4-Kbyte page size, variable block size, and 256-Mbyte
segment size
— Both TLBs are 128-entry and two-way set associative
— TLBs are hardware reloadable (that is, the page table search is performed in hardware)
— Separate IBATs and DBATs (four each) also defined as SPRs
— Separate instruction and data translation lookaside buffers (TLBs)
— LRU replacement algorithm
— 52-bit virtual address; 32-bit physical address
•
Bus interface features include the following:
— Selectable processor-to-bus clock frequency ratios (1:1, 3:2, 2:1, 5:2, 3:1, and 4:1)
— A 64-bit split-transaction external data bus with burst transfers
— Support for address pipelining and limited out-of-order bus transactions
— Four burst write queues—three for cache copyback operations and one for snoop push
operations
— Two single-beat write queues
— Additional signals and signal redefinition for direct-store operations
— Provides a data streaming mode that allows consecutive burst read data transfers to occur
without intervening dead cycles. This mode also disables data retry operations.
— No-DRTRY mode eliminates the DRTRY signal from the qualified bus grant and allows read
operations. This improves performance on read operations for systems that do not use the
DRTRY signal. No-DRTRY mode makes read data available to the processor one bus clock
cycle sooner than if normal mode is used.
•
Multiprocessing support features include the following:
— Hardware enforced, four-state cache coherency protocol (MESI) for data cache. Bits are
provided in the instruction cache to indicate only whether a cache block is valid or invalid.
— Separate port into data cache tags for bus snooping
— Load/store with reservation instruction pair for atomic memory references, semaphores, and
other multiprocessor operations
•
Power management
— NAP mode supports full shut down and snooping
— Operating voltage of 2.5
± 0.3 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com