Electronic Components Datasheet Search
  English  ▼

X  

MPC604E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPC604E
Description  PowerPC 604eTM RISC Microprocessor Technical Summary
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604E Datasheet(HTML) 1 Page - NXP Semiconductors

  MPC604E Datasheet HTML 1Page - NXP Semiconductors MPC604E Datasheet HTML 2Page - NXP Semiconductors MPC604E Datasheet HTML 3Page - NXP Semiconductors MPC604E Datasheet HTML 4Page - NXP Semiconductors MPC604E Datasheet HTML 5Page - NXP Semiconductors MPC604E Datasheet HTML 6Page - NXP Semiconductors MPC604E Datasheet HTML 7Page - NXP Semiconductors MPC604E Datasheet HTML 8Page - NXP Semiconductors MPC604E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
MPC604E/D
(Motorola Order Number)
1/96
REV 1
SA14-2053-00
(IBM Order Number)
The PowerPC name, the PowerPC logotype, PowerPC 604, and PowerPC 604e, are trademarks of International Business
Machines Corporation, used by Motorola under license from International Business Machines Corporation.
This document contains information on a new product under development by Motorola and IBM. Motorola and IBM reserve
© Motorola Inc., 1996. All rights reserved.
Portions hereof
© International Business Machines Corporation, 1991–1996. All rights reserved.
™
the right to change or discontinue this product without notice.
Advance Information
PowerPC 604e™ RISC Microprocessor
Technical Summary
This document provides an overview of the PowerPC 604e microprocessor features,
including a block diagram showing the major functional components. It provides
information about how the 604e implementation complies with the PowerPC
™
architecture definition. This document is divided into two parts:
•
Part 1,“PowerPC 604e Microprocessor Overview,” provides an overview of the
604e features, including a block diagram showing the major functional
components.
•
Part 2, “PowerPC 604e Microprocessor: Implementation,” gives specific details
about the implementation of the 604e as a 32-bit member of the PowerPC
processor family.
In this document, the term “604e” is used as an abbreviation for the phrase “PowerPC 604e
microprocessor” and “604” is an abbreviation for the phrase “PowerPC 604
™
microprocessor.” The PowerPC 604e microprocessors are available from IBM as PPC604e
and from Motorola as MPC604e.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - MPC604E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC604E MOTOROLA-MPC604E Datasheet
111Kb / 34P
PowerPC 604e-TM RISC Microprocessor Technical Summary
logo
NXP Semiconductors
MPC604E9QEC NXP-MPC604E9QEC Datasheet
570Kb / 29P
PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations
3/98
MPC604E9QEC/D NXP-MPC604E9QEC/D Datasheet
570Kb / 29P
PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations
3/98
MPC604E9VEC NXP-MPC604E9VEC Datasheet
483Kb / 30P
PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
REV 1
MPC604E9VEC/D NXP-MPC604E9VEC/D Datasheet
483Kb / 30P
PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
REV 1
More results

Similar Description - MPC604E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
PowerPC 7457 RISC Microprocessor
logo
Motorola, Inc
MPC604E MOTOROLA-MPC604E Datasheet
111Kb / 34P
PowerPC 604e-TM RISC Microprocessor Technical Summary
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
PowerPC RISC microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
PowerPC 7410 RISC Microprocessor
logo
NXP Semiconductors
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
MPC604 NXP-MPC604 Datasheet
469Kb / 32P
PowerPCTM 604 RISC Microprocessor Technical Summary
REV 1
MGT5100TS NXP-MGT5100TS Datasheet
352Kb / 12P
Microprocessor Technical Summary
Rev. 0, 04/2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com