Electronic Components Datasheet Search
  English  ▼

X  

OXCF950 Datasheet(PDF) 48 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 48 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 44Page - Oxford Semiconductor OXCF950 Datasheet HTML 45Page - Oxford Semiconductor OXCF950 Datasheet HTML 46Page - Oxford Semiconductor OXCF950 Datasheet HTML 47Page - Oxford Semiconductor OXCF950 Datasheet HTML 48Page - Oxford Semiconductor OXCF950 Datasheet HTML 49Page - Oxford Semiconductor OXCF950 Datasheet HTML 50Page - Oxford Semiconductor OXCF950 Datasheet HTML 51Page - Oxford Semiconductor OXCF950 Datasheet HTML 52Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
Page 48
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
ASR[3]: DTR
This is the complementof the actual state of the DTR# pin
when the device is not in loopback mode. The driver
software can determine if the remote transmitter is disabled
by DTR# out-of-band flow control by reading this bit. In
loopback mode this bit reflects the flow control status rather
than the pin’s actual state.
ASR[4]: Special character detected
logic 0 ⇒ No special character has been detected.
logic 1 ⇒ A special character has been received and is
stored in the RHR.
This can be used to determine whether a level 5 interrupt
was caused by receiving a special character rather than an
XOFF. The flag is cleared following the read of the ASR.
ASR[5]: RESERVED
This bit is unused in the OXCF950 and reads ‘0’.
ASR[6]: FIFO size
logic 0 ⇒ FIFOs are 16 deep if FCR[0] = 1.
logic 1 ⇒ FIFOs are 128 deep if FCR[0] = 1.
Note: If FCR[0] = 0, the FIFOs are 1 deep.
ASR[7]: Transmitter Idle
logic 0 ⇒ Transmitter is transmitting.
logic 1 ⇒ Transmitter is idle.
This bit reflects the state of the internal transmitter. It is set
when both the transmitter FIFO and shift register are
empty.
6.11.2 FIFO Fill levels ‘TFL & RFL’
The number of characters stored in the THR and RHR can
be determined by reading the TFL and RFL registers
respectively. As the UART clock is asynchronous with
respect to the processor, it is possible for the levels to
change during a read of these FIFO levels. It is therefore
recommended that the levels are read twice and compared
to check that the values obtained are valid. The values
should be interpreted as follows:
1.
The number of characters in the THR is no greater
than the value read back from TFL.
2.
The number of characters in the RHR is no less than
the value read back from RFL.
6.11.3 Additional Control Register ‘ACR’
The ACR register is located at offset 0x00 of the ICR
ACR[0]: Receiver disable
logic 0 ⇒ The receiver is enabled, receiving data and
storing it in the RHR.
logic 1 ⇒ The receiver is disabled. The receiver
continues to operate as normal to maintain the
framing synchronisation with the receive data
stream but received data is not stored into the
RHR. In-band flow control characters continue
to be detected and acted upon. Special
characters will not be detected.
Changes to this bit will only be recognised following the
completion of any data reception pending.
ACR[1]: Transmitter disable
logic 0 ⇒ The transmitter is enabled, transmitting any
data in the THR.
logic 1 ⇒ The transmitter is disabled. Any data in the
THR is not transmitted but is held. However,
in-band flow control characters may still be
transmitted.
Changes to this bit will only be recognised following the
completion of any data transmission pending.
ACR[2]: Enable automatic DSR flow control
logic 0 ⇒ Normal. The state of the DSR# line does not
affect the flow control.
logic 1 ⇒ Data transmission is prevented whenever the
DSR# pin is held inactive high.
This bit provides another automatic out-of-band flow control
facility using the DSR# line.
ACR[4:3]: DTR# line configuration
When bits 4 or 5 of CKS (offset 0x03 of ICR) are set, the
transmitter 1x clock or the output of the baud rate
generator (Nx clock) are asserted on the DTR# pin,
otherwise the DTR# pin is defined as follows:
logic [00] ⇒ DTR# is compatible with 16C450, 16C550,
16C650 and 16C750 (i.e. normal).
logic [01] ⇒
DTR# pin is used for out-of-band flow
control. It will be forced inactive high if
the Receiver FIFO Level (‘RFL’)
reaches the upper flow control
threshold. DTR# line will be re-activated
when the RFL drops below the lower
threshold (see FCL & FCH).
logic [10] ⇒ DTR# pin is configured to drive the active
low enable pin of an external RS485
buffer. In this configuration the DTR#
pin will be forced low whenever the
transmitter is not empty (LSR[6]=0),
otherwise DTR# pin is high.
logic [11] ⇒ DTR# pin is configured to drive the active-
high enable pin of an external RS485 buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com