Electronic Components Datasheet Search
  English  ▼

X  

OXCF950 Datasheet(PDF) 23 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 23 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 19Page - Oxford Semiconductor OXCF950 Datasheet HTML 20Page - Oxford Semiconductor OXCF950 Datasheet HTML 21Page - Oxford Semiconductor OXCF950 Datasheet HTML 22Page - Oxford Semiconductor OXCF950 Datasheet HTML 23Page - Oxford Semiconductor OXCF950 Datasheet HTML 24Page - Oxford Semiconductor OXCF950 Datasheet HTML 25Page - Oxford Semiconductor OXCF950 Datasheet HTML 26Page - Oxford Semiconductor OXCF950 Datasheet HTML 27Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
Page 23
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
5.5.4
Socket and Copy Register ‘SCR’ (Offset 0xFE)
This is an optional read/write register, implemented by the OXCF950, which the PCMCIA/CF card may use to distinguish
between similar cards installed in a system. This register is always written by the system before writing the card's Function
Configuration Index field in the Configuration Option register.
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Copy Number
Socket Number
Field
Description
Reserved
This bit is reserved for future standardization. This bit must be set to zero (0) by software when
the register is written.
Copy Number
PCMCIA/CF cards that indicate in their CIS that they support more than one copy of identically
configured cards, should have a copy number (0 to MAX twin cards, MAX = n-1) written back
to the socket and Copy register.
This field indicates to the card that it is the n’th copy of the card installed in the system, which
is identically configured. The first card installed receives the value 0. This permits identical
cards designed to share a common set of I/O ports while remaining uniquely identifiable and
consecutively ordered.
Socket Number
This field indicates to the PCMCIA/CF card that it is located in the n’th socket. The first socket
is numbered o. This permits any cards designed to do so to share a common set of I/O ports
while remaining uniquely identifiable.
Table 20: Socket and Copy Register
5.6
Card Information Structure
5.6.1
Local Bus Mode
Value
(Hex)
Tuple Name
Description
Direct Attribute
0x01
0x02
0x00
0xFF
CISTPL_DEVICE
CIS should start with a CISTPL_DEVICE tuple.
0x03
0x00
CISTPL_INDIRECT
Use indirect access register (located in direct common memory).
0xFF
CISTPL_END
Indirect Attribute
0x13
0x03
0x43
0x49
0x53
CISTPL_LINKTARGET
The first tuple in indirect memory must be a CISTPL_LINKTARGET to prove that a
valid CIS chain is present. The host will start processing from location 0 of the
indirect attribute memory, after following an implied link from the primary CIS chain
in direct attribute memory.
0x1C
0x03
0x03
0x00
0xFF
CISTPL_DEVICE_OC
This tuple allows the device to be operated at 3.3 volts as well as at 5.0 volts.
0x20
0x04
CISTPL_MANFID
This tuple specifies the manufacturer ID and product ID codes (0x0279 and 0x950B
respectively).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com