Electronic Components Datasheet Search
  English  ▼

X  

OXCF950 Datasheet(PDF) 55 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 55 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 51Page - Oxford Semiconductor OXCF950 Datasheet HTML 52Page - Oxford Semiconductor OXCF950 Datasheet HTML 53Page - Oxford Semiconductor OXCF950 Datasheet HTML 54Page - Oxford Semiconductor OXCF950 Datasheet HTML 55Page - Oxford Semiconductor OXCF950 Datasheet HTML 56Page - Oxford Semiconductor OXCF950 Datasheet HTML 57Page - Oxford Semiconductor OXCF950 Datasheet HTML 58Page - Oxford Semiconductor OXCF950 Datasheet HTML 59Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
Page 55
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
Bits
Description
15
‘0’ = There are no more configuration WORDs to follow in
Zone 2. Move to next available zone or end EEPROM
program if no more zones are enabled in the header.
1’1 = There is another configuration WORD to follow for the
Local Configuration Registers
14:8
Local Register address (in IO space). Valid address range is
8 to 15
7:0
8-bit value of the register to be programmed
Table 44: Word format for Zone 2
7.5
Zone 3: Function Access (UART)
Zone 3 allows the UART to be pre-configured, prior to any CF/PCMCIA accesses. This is very useful when the UART needs to
run with (typically generic) device drivers and these drivers are not capable of utilising the enhanced features/modes of the
UART (e.g. 950 mode) that are required for high performance. By using function access, the UART registers can be accessed
(setup) via the EEPROM to customize the UART features before control is handed to the device drivers.
Each 8-bit access is equivalent to accessing the UART function through IO space (addresses 0 to 7), with the exception that a
function read access does not return any data (it is discarded). The UART function behaves as though these function accesses
via the EEPROM were corresponding CF/PCMCIA access.
Each entry for zone 3 comprises of 2 16-bit words. The format is as shown.
1st WORD (of WORD pair)
Bits
Description
15
Value = 1
14:12
Reserved (write 0’s)
11
0 = Function read access
1 = Function write access
10:8
Reserved (write 0’s)
7:0
IO address to access (valid values 0 to 7)
Table 45: Zone 3 (first WORD) format
2nd WORD (of WORD pair)
Bits
Description
15
‘1’ = another function access WORD pair to follow
‘0’ = no more function access WORD pairs
14:8
Reserved (write 0’s)
7:0
Data to be written to specified addresses.
Field is unused for function access READS (set to 0)
Table 46: Zone 3 (second WORD) format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com