Electronic Components Datasheet Search
  English  ▼

X  

OXCF950 Datasheet(PDF) 19 Page - Oxford Semiconductor

Part # OXCF950
Description  Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 19 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 15Page - Oxford Semiconductor OXCF950 Datasheet HTML 16Page - Oxford Semiconductor OXCF950 Datasheet HTML 17Page - Oxford Semiconductor OXCF950 Datasheet HTML 18Page - Oxford Semiconductor OXCF950 Datasheet HTML 19Page - Oxford Semiconductor OXCF950 Datasheet HTML 20Page - Oxford Semiconductor OXCF950 Datasheet HTML 21Page - Oxford Semiconductor OXCF950 Datasheet HTML 22Page - Oxford Semiconductor OXCF950 Datasheet HTML 23Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
Page 19
OXCF950 rev B DATA SHEET V 1.0
OXFORD SEMICONDUCTOR LTD.
Generic Page Switch register ‘GPS’ (Offset 0x0F)
This register provides a mechanism for the user to switch out of accessing the configuration registers when in Generic mode i.e.
when the configuration registers overlay the UART registers.
Read/Write
Bits
Description
EEPROM
PCMCIA
Reset
0
Write 0 to switch out of overlay mode
This feature is new to OXCF950 rev B
-
W
0
Table 14: Generic Page Switch
5.4
CF / PCMCIA Interrupt
5.4.1
Interrupt Generation
PCMCIA/CF cards support pulse or level type interrupt signals to request interrupt service from the host system. The CIS of the
card specifies whether pulse, level or both types of interrupt can be generated. Once the host has read the CIS it is able to set
the LevlReq field in the Configuration Options Register (COR) to tell the card which type of interrupts should be generated.
The OXCF950 is capable of generating either type of interrupt. However, to reduce power consumption, the default CIS states
that only level type interrupts can be generated. A custom CIS can be constructed that specifies the card has the ability to
generate pulse type interrupts, if this is required, by using an external EEPROM.
The OXCF950 uses a programmable clock divider circuit to generate pulse type interrupts signals. The pulse that is generated is
one clock cycle (after division) in length. The divider circuit can be programmed by setting the contents of the Interrupt Pulse
Divide Value field in the DIV local configuration register (see section 6.3.4.3). This allows the length of the pulse to be varied, so
that different clock frequencies can be used and the pulse can still be kept as short as possible, without violating the minimum
length of 50 µs as defined in the PCMCIA Standard. Table 15 shows how the register should be programmed for different clock
frequencies.
Clock Frequency (MHz)
Interrupt Divider Setting
f
<
2
000
2
<=
f
<
4
001
4
<=
f
<
8
010
8
<=
f
<
16
011
16
<=
f
<
32
100
32
<=
f
<
64
101
110
RESERVED
111
Table 15: Interrupt Pulse Divide Value settings
5.4.2
Interrupt Sources
The OXCF950 has three possible interrupt sources. These are the internal UART, and the two multi-purpose I/O pins, which can
be configured as interrupts using the MIO Configuration Register (MIC – see section 6.3.4.2) and the Interrupt Status and Control
Register (ISR – see section 6.3.4.5)
When the OXCF950 is requesting interrupt service, the Intr field within the Configuration Status Register (CSR – see section
6.5.2) will be set to 1. Otherwise this field will be cleared to 0. The Intr field value is controlled by the interrupt source (i.e UART
or MIO [1:0]). The status of the actual interrupts can be read from the ISR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com