Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8340 Datasheet HTML 3Page - Analog Devices AD8340 Datasheet HTML 4Page - Analog Devices AD8340 Datasheet HTML 5Page - Analog Devices AD8340 Datasheet HTML 6Page - Analog Devices AD8340 Datasheet HTML 7Page - Analog Devices AD8340 Datasheet HTML 8Page - Analog Devices AD8340 Datasheet HTML 9Page - Analog Devices AD8340 Datasheet HTML 10Page - Analog Devices AD8340 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8340
Rev. 0 | Page 7 of 20
GAIN SETPOINT
0
0.3
0.5
0.9
1.0
0.8
0.7
0.6
0.4
0.2
0.1
–142
–143
–152
–144
–145
–146
–147
–148
–149
–150
–151
NO RF INPUT
RF PIN = +5dBm
RF PIN = –5dBm
RF PIN = 0dBm
Figure9.OutputNoiseFloorvs.Gain,NoiseindBm/Hz,NoCarrier,
WithCarrier(20MHzOffset)Pin=−5,0,and+5dBm
FREQUENCY (MHz)
0
–14
–20
–2
–12
–16
–18
–4
–8
–6
–10
–22
–24
700
1000
950
900
850
800
750
GAIN SETPOINT = 1.0
GAIN SETPOINT = 0.5
GAIN SETPOINT = 0.1
Figure10.Gainvs.FrequencyatDifferentGainSetpoints(700MHzto1000MHz),
PhaseSetpoint =0°
RF FREQUENCY (MHz)
700
750
800
850
1000
900
950
–145
–146
–152
–147
–148
–149
–150
–151
Figure11.OutputNoiseFloorvs.Frequency,MaximumGain,
NoRFCarrier,PhaseSetpoint=0°
FREQUENCY (MHz)
700
750
800
850
1000
900
950
0
–0.5
–2.5
–1.0
–1.5
–2.0
Figure12.GainFlatnessvs.Frequency,MaximumGain,PhaseSetpoint=0°
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
100
200
300
400
500
600
700
800
900
1000
DIFFERENTIAL BASEBAND INPUT LEVEL (mV p-p)
(I OR Q CHANNEL DRIVEN AT 1MHz)
FUNDAMENTAL POWER, 879MHz, 881MHz
SECOND BASEBAND HARMONIC PRODUCT,
878MHz, 882MHz
THIRD BASEBAND HARMONIC PRODUCT,
877MHz, 883MHz
Figure13.BasebandHarmonicDistortion(IandQChannel,RFInput=0dBm,
BalunandCableLossesofApproximately2dBNotAccountedforinPlot)
FREQUENCY (MHz)
700
750
800
850
1000
900
950
14
12
0
10
8
6
4
2
TEMP = –40°C
TEMP = +85°C
TEMP = +25°C
Figure14.Output1dBCompressionPointvs.FrequencyandTemperature,
MaximumGain,PhaseSetpoint=0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com