Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8340 Datasheet HTML 12Page - Analog Devices AD8340 Datasheet HTML 13Page - Analog Devices AD8340 Datasheet HTML 14Page - Analog Devices AD8340 Datasheet HTML 15Page - Analog Devices AD8340 Datasheet HTML 16Page - Analog Devices AD8340 Datasheet HTML 17Page - Analog Devices AD8340 Datasheet HTML 18Page - Analog Devices AD8340 Datasheet HTML 19Page - Analog Devices AD8340 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8340
Rev. 0 | Page 16 of 20
EVALUATION BOARD
The evaluation board circuit schematic for the AD8340 is
shown in Figure 39.
The evaluation board is configured to be driven from a
single-ended 50 Ω source. Although the input of the AD8340 is
differential, it may be driven single-ended, with no loss of
performance.
The low-pass corner frequency of the baseband I and Q chan-
nels can be reduced by installing capacitors in the C11 and C12
positions. The low-pass corner frequency for either channel is
approximated by
pF
0.5
nF
10
kHz
45
f
3dB
+
×
≈
external
C
On this evaluation board, the I and Q baseband circuits are
identical to each other, so the following description applies
equally to each. The connections and circuit configuration for
the Q baseband inputs are described in Table 4.
The baseband input of the AD8340 requires a differential volt-
age drive. The evaluation board is set up to allow such a drive by
connecting the differential voltage source to QBBP and QBBM.
The common-mode voltage should be maintained at approxi-
mately 0.5 V. For this configuration, Jumpers W1 to W4 should
be removed.
The baseband input of the evaluation board may also be driven
with a single-ended voltage. In this case, a bias level is provided
to the unused input from Potentiometer R10 by installing either
W1 or W2.
Setting SW1 in Position B disables the AD8340 output amplifier.
With SW1 set to Position A, the output amplifier is enabled.
With SW1 set to Position A, an external voltage signal, such as a
pulse, can be applied to the DSOP SMA connector to exercise
the output amplifier enable/disable function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com