Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 1 Page - Analog Devices

  AD8340 Datasheet HTML 1Page - Analog Devices AD8340 Datasheet HTML 2Page - Analog Devices AD8340 Datasheet HTML 3Page - Analog Devices AD8340 Datasheet HTML 4Page - Analog Devices AD8340 Datasheet HTML 5Page - Analog Devices AD8340 Datasheet HTML 6Page - Analog Devices AD8340 Datasheet HTML 7Page - Analog Devices AD8340 Datasheet HTML 8Page - Analog Devices AD8340 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
700 MHz to 1000 MHz
RF Vector Modulator
AD8340
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Cartesian amplitude and phase modulation
700 MHz to 1.0 GHz frequency range
Continuous magnitude control of −2 dB to −32 dB
Continuous phase control of 0° to 360°
Output third-order intercept 24 dBm
Output 1 dB compression point 11 dBm
Output noise floor −149 dBm/Hz @ full gain
Adjustable modulation bandwidth up to 230 MHz
Fast output power disable
4.75 V to 5.25 V single-supply voltage
APPLICATIONS
RF PA linearization/RF predistortion
Amplitude and phase modulation
Variable attenuators and phase shifters
CDMA2000, GSM/EDGE linear power amplifiers
Smart antennas
FUNCTIONAL BLOCK DIAGRAM
90
°
0
°
VPS2
OBBM
QBBP
RFIP
RFIM
DSOP
IBBM
IBBP
RFOP
RFOM
VPRF
CMOP
Figure1.
GENERAL DESCRIPTION
The AD8340 vector modulator performs arbitrary amplitude
and phase modulation of an RF signal. Since the RF signal path
is linear, the original modulation is preserved. This part can be
used as a general-purpose RF modulator, a variable attenu-
ator/phase shifter, or a remodulator. The amplitude can be
controlled from a maximum of −2 dB to less than −32 dB, and
the phase can be shifted continuously over the entire 360° range.
For maximum gain, the AD8340 delivers an OP1dB of 11 dBm,
an OIP3 of 24 dBm, and an output noise floor of −149 dBm/Hz,
independent of phase. It operates over a frequency range of
700 MHz to 1.0 GHz.
The baseband inputs in Cartesian I and Q format control the
amplitude and phase modulation imposed on the RF input
signal. Both I and Q inputs are dc-coupled with a ±500 mV
differential full-scale range. The maximum modulation band-
width is 230 MHz, which can be reduced by adding external
capacitors to limit the noise bandwidth on the control lines.
Both the RF inputs and outputs can be used differentially or
single-ended and must be ac-coupled. The RF input and output
impedances are nominally 50 Ω over the operating frequency
range. The DSOP pin allows the output stage to be disabled
quickly in order to protect subsequent stages from overdrive.
The AD8340 operates off supply voltages from 4.75 V to 5.25 V
while consuming approximately 130 mA.
The AD8340 is fabricated on Analog Devices’ proprietary, high
performance 25 GHz SOI complementary bipolar IC process. It
is available in a 24-lead Pb-free LFCSP package and operates
over a −40°C to +85°C temperature range. Evaluation boards
are available.


Similar Part No. - AD8340

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD8340 AD-AD8340 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8340 AD-AD8340 Datasheet
425Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
Rev. C
AD8340-EVALZ AD-AD8340-EVALZ Datasheet
425Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
Rev. C
AD8340ACPZ-REEL7 AD-AD8340ACPZ-REEL7 Datasheet
425Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
Rev. C
More results

Similar Description - AD8340

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
Vector Modulator, 925 to 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007099-000100 MA-COM-MAIA-007099-000100 Datasheet
143Kb / 5P
Vector Modulator, 925 to 960 MHz
MAMDCC0005 MA-COM-MAMDCC0005 Datasheet
131Kb / 5P
Vector Modulator, 925 to 960 MHz
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
700 MHz to 1000 MHz
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
REV. C
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com