Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8340 Datasheet HTML 8Page - Analog Devices AD8340 Datasheet HTML 9Page - Analog Devices AD8340 Datasheet HTML 10Page - Analog Devices AD8340 Datasheet HTML 11Page - Analog Devices AD8340 Datasheet HTML 12Page - Analog Devices AD8340 Datasheet HTML 13Page - Analog Devices AD8340 Datasheet HTML 14Page - Analog Devices AD8340 Datasheet HTML 15Page - Analog Devices AD8340 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8340
Rev. 0 | Page 12 of 20
APPLICATIONS
USING THE AD8340
The AD8340 is designed to operate in a 50 Ω impedance
system. Figure 30 illustrates an example where the RF input is
driven in a single-ended fashion while the differential RF out-
put is converted to a single-ended output with a RF balun. The
baseband controls for the I and Q channels are typically driven
from differential DAC outputs. The power supplies, VPRF and
VPS2, should be bypassed appropriately with 0.1 µF and 100 pF
capacitors. Low inductance grounding of the CMOP and CMRF
common pins is essential to prevent unintentional peaking of
the gain.
RF INPUT AND MATCHING
The input impedance of the AD8340 is defined by the charac-
teristics of the polyphase network. The capacitive component of
the network causes its impedance to roll-off with frequency
albeit at a slower rate than 6 dB/octave. By using matching
inductors on the order of 5.6 nH in series with each of the RF
inputs, RFIP and RFIM, a 50 Ω match is achieved with a return
loss of >10 dB over the operating frequency range. Different
matching inductors can improve matching over a narrower
frequency range. The single-ended and differential input
impedances are exactly the same.
50
Ω
100pF
RF
RFIM
RFIP
RC
PHASE
5.6nH
100pF 5.6nH
~1VDC
Figure29.RFInputInterfacetotheAD8340Showing
CouplingCapacitors andMatchingInductors
The RFIP and RFIM should be ac-coupled through low loss
series capacitors as shown in Figure 29. The internal dc levels
are at approximately 1 V. For single-ended operation, one input
is driven by the RF signal while the other input is ac grounded.
DSOP
VPS2
VPRF
CMRF
RFIM
RFIP
CMOP
CMOP
RFOM
RFOP
QFLP
CMOP
CMOP
CMRF
VPRF
IFLP
AD8340
C12
(SEE TEXT)
C11
(SEE TEXT)
C8
0.1
µF
L3
5.6nH
C6
100pF
L4
5.6nH
C5
100pF
IBBM
IBBP
VP
RF
INPUT
VP
QBBP
QBBM
L1
120nH
L2
120nH
C14
0.1
µF
C10
0.1
µF
VP
C18
100pF
C17
100pF
ETC1-1-13
RF
OUTPUT
A
B
OUTPUT
DISABLE
VP
VP
C1
0.1
µF
C3
0.1
µF
C2
100pF
C7
100pF
C4
100pF
C9
100pF
Figure30.BasicConnections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com