Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8340 Datasheet HTML 12Page - Analog Devices AD8340 Datasheet HTML 13Page - Analog Devices AD8340 Datasheet HTML 14Page - Analog Devices AD8340 Datasheet HTML 15Page - Analog Devices AD8340 Datasheet HTML 16Page - Analog Devices AD8340 Datasheet HTML 17Page - Analog Devices AD8340 Datasheet HTML 18Page - Analog Devices AD8340 Datasheet HTML 19Page - Analog Devices AD8340 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8340
Rev. 0 | Page 17 of 20
Table 4. Evaluation Board Configuration Options
Components
Function
Default Conditions
R7, R9, R11,
R14, R15, R19,
R20, R21, C15,
C19, W3, W4
I Channel Baseband Interface. Resistors R7 and R9 may be installed to accommodate a
baseband source that requires a specific terminating impedance. Capacitors C15 and C19
are bypass capacitors.
For single-ended baseband drive, the Potentiometer R11 can be used to provide a bias level
to the unused input (install either W3 or W4).
R7, R9 = Not Installed
R11 = Potentiometer, 2 kΩ,
10 Turn (Bourns)
R14 = 4 kΩ (Size 0603)
R15 = 44 kΩ (Size 0603)
R19, R20, R21 = 0 Ω
(Size 0603)
C15, C19 = 0.1 µF
(Size 0603)
W3 = Jumper (Installed)
W4 = Jumper (Open)
R1, R3, R10,
R12, R13, R16,
R17, R18, C16,
C20, W1, W2
Q Channel Baseband Interface. See the I Channel Baseband Interface section.
R1, R3 = Not Installed
R10 = Potentiometer, 2 kΩ,
10 Turn (Bourns)
R12 = 4 kΩ (Size 0603)
R13 = 44 kΩ (Size 0603)
R16, R17, R18 = 0 Ω
(Size 0603)
C16, C20 = 0.1 µF
(Size 0603)
W1 = Jumper (Installed)
W2 = Jumper (Open)
C11, C12
Baseband Low-Pass Filtering. By adding Capacitor C11 between QFLP and QFLM, and C12
between IFLP and IFLM, the 3 dB low-pass corner frequency of the baseband interface can
be reduced from 230 MHz (nominal). See equation in text.
C11, C12 = Not Installed
T1, C17, C18,
L1, L2
Output Interface. The 1:1 balun transformer, T1, converts the 50 Ω differential output to
50 Ω single-ended. C17 and C18 are dc blocks. L1 and L2 provide dc bias for the output.
C17, C18 = 100 pF
(Size 0603)
T1 = ETC1-1-13 (M/A-COM)
L1, L2 = 120 nH
(Size 0603)
L3, L4, C5, C6
Input Interface. The input impedance of the AD8340 requires 5.6 nH inductors in series
with RFIP and RFIM for optimum return loss when driven by a single-ended 50 Ω line. C5
and C6 are dc blocks.
L3, L4 = 5.6 nH (Size 0402)
C5, C6 = 100 pF (Size 0603)
C2, C4, C7,
C9, C14, C1,
C3, C8, C10,
R2, R4, R5, R6
Supply Decoupling.
C2, C4, C7, C9, C14 = Open
(Size 0603)
C1, C3, C8, C10 = 0.1 µF
(Size 0603)
R2, R4, R5, R6 = 0 Ω
(Size 0603)
R8, SW1
Output Disable Interface. The output stage of the AD8340 is disabled by applying a high
voltage to the DSOP pin by moving SW1 to Position B. The output stage is enabled moving
SW1 to Position A. The output disable function can also be exercised by applying an exter-
nal high or low voltage to the DSOP SMA connector with SW1 in Position A.
R8 = 10 kΩ (Size 0603)
SW1 = SPDT (Position A,
Output Enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com