Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9212
Description  Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 4 Page - Analog Devices

  AD9212 Datasheet HTML 1Page - Analog Devices AD9212 Datasheet HTML 2Page - Analog Devices AD9212 Datasheet HTML 3Page - Analog Devices AD9212 Datasheet HTML 4Page - Analog Devices AD9212 Datasheet HTML 5Page - Analog Devices AD9212 Datasheet HTML 6Page - Analog Devices AD9212 Datasheet HTML 7Page - Analog Devices AD9212 Datasheet HTML 8Page - Analog Devices AD9212 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
AD9212
Rev. 0 | Page 4 of 56
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 2.
AD9212-40
AD9212-65
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.4 MHz
Full
61.2
60.8
dB
fIN = 19.7 MHz
Full
60.2
61.2
60.8
dB
fIN = 35 MHz
Full
61.2
58.5
60.8
dB
fIN = 70 MHz
Full
61.0
60.7
dB
SIGNAL-TO-NOISE AND DISTORTION RATIO (SINAD)
fIN = 2.4 MHz
Full
61.2
60.7
dB
fIN = 19.7 MHz
Full
60.0
61.0
60.6
dB
fIN = 35 MHz
Full
61.0
57.0
60.5
dB
fIN = 70 MHz
Full
60.8
60.4
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
Full
9.87
9.81
Bits
fIN = 19.7 MHz
Full
9.71
9.87
9.81
Bits
fIN = 35 MHz
Full
9.87
9.43
9.81
Bits
fIN = 70 MHz
Full
9.84
9.79
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
Full
87
81
dBc
fIN = 19.7 MHz
Full
72
85
79
dBc
fIN = 35 MHz
Full
79
62
77
dBc
fIN = 35 MHz
25°C
69
77
dBc
fIN = 70 MHz
Full
74
72
dBc
WORST HARMONIC (Second or Third)
fIN = 2.4 MHz
Full
−87
−81
dBc
fIN = 19.7 MHz
Full
−85
−72
−79
dBc
fIN = 35 MHz
Full
−79
−77
−62
dBc
fIN = 35 MHz
25°C
−77
−69
dBc
fIN = 70 MHz
Full
−74
−72
dBc
WORST OTHER (Excluding Second or Third)
fIN = 2.4 MHz
Full
−90
−86
dBc
fIN = 19.7 MHz
Full
−85
−72
−86
dBc
fIN = 35 MHz
Full
−85
−85
−70
dBc
fIN = 70 MHz
Full
−85
−85
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)—
AIN1 AND AIN2 = −7.0 dBFS
fIN1 = 15 MHz,
fIN2 = 16 MHz
25°C
80.0
77.0
dBc
fIN1 = 70 MHz,
fIN2 = 71 MHz
25°C
77.0
77.0
dBc
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com