Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9212
Description  Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9212 Datasheet HTML 48Page - Analog Devices AD9212 Datasheet HTML 49Page - Analog Devices AD9212 Datasheet HTML 50Page - Analog Devices AD9212 Datasheet HTML 51Page - Analog Devices AD9212 Datasheet HTML 52Page - Analog Devices AD9212 Datasheet HTML 53Page - Analog Devices AD9212 Datasheet HTML 54Page - Analog Devices AD9212 Datasheet HTML 55Page - Analog Devices AD9212 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
AD9212
Rev. 0 | Page 52 of 56
Item
Qty
per
Board
REFDES
Device
Package
Value
Manufacturer
Manufacturer
Part Number
26
32
L505, L506, L507,
L508, L509, L510,
L511, L512, L513,
L514, L515, L516,
L517, L518, L519,
L520, L605, L606,
L607, L608, L609,
L610, L611, L612,
L613, L614, L615,
L616, L617, L618,
L619, L620
Resistor
805
0 Ω, 1/8 W, 5% tol
NIC
Components
Corp.
NRC04Z0TRF
27
1
OSC401
Oscillator
SMT
Clock oscillator,
65.00 MHz, 3.3 V,
±5% duty cycle
Valphey Fisher
VFAC3H-L-65MHz
28
9
P101, P103, P105,
P107, P201, P203,
P205, P207, P401
Connector
SMA
Side-mount SMA for
0.063" board thickness
Johnson
Components
142-0701-851
29
1
P301
Connector
HEADER
1469169-1, right angle
2-pair, 25 mm, header
assembly
Tyco
6469169-1
30
1
P701
Connector
0.1",
PCMT
RAPC722, power
supply connector
Switchcraft
RAPC722X
31
21
R301, R307, R401,
R402, R410, R413,
R504, R505, R511,
R512, R523, R524,
R604, R605, R611,
R612, R623, R624,
R711, R714, R715
Resistor
402
10 kΩ, 1/16 W,
5% tol
NIC
Components
Corp.
NRC04J103TRF
32
18
R103, R117, R129,
R142, R203, R219,
R235, R253, R317,
R405, R415, R416,
R417, R418, R706,
R707, R708, R709
Resistor
402
0 Ω, 1/16 W,
5% tol
NIC
Components
Corp.
NRC04Z0TRF
33
8
R102, R115, R128,
R141, R202, R218,
R234, R252
Resistor
402
64.9 Ω, 1/16 W,
1% tol
NIC
Components
Corp.
NRC04F64R9TRF
34
8
R104, R116, R130,
R143, R204, R220,
R236, R254
Resistor
603
0 Ω, 1/10 W,
5% tol
NIC
Components
Corp.
NRC06Z0TRF
35
28
R109, R111, R112,
R123, R125, R126,
R135, R138, R139,
R148, R149, R150,
R211, R212, R214,
R228, R231, R232,
R246, R249, R250,
R262, R265, R266,
R319, R710, R712,
R713
Resistor
402
1 kΩ, 1/16 W,
1% tol
NIC
Components
Corp.
NRC04F1001TRF
36
16
R108, R110, R121,
R122, R134, R136,
R146, R147, R209,
R210, R226, R227,
R242, R245, R260,
R261
Resistor
402
33 Ω, 1/16 W,
5% tol
NIC
Components
Corp.
NRC04J330TRF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com