Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9212
Description  Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 1 Page - Analog Devices

  AD9212 Datasheet HTML 1Page - Analog Devices AD9212 Datasheet HTML 2Page - Analog Devices AD9212 Datasheet HTML 3Page - Analog Devices AD9212 Datasheet HTML 4Page - Analog Devices AD9212 Datasheet HTML 5Page - Analog Devices AD9212 Datasheet HTML 6Page - Analog Devices AD9212 Datasheet HTML 7Page - Analog Devices AD9212 Datasheet HTML 8Page - Analog Devices AD9212 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Octal, 10-Bit, 40/65 MSPS
Serial LVDS 1.8 V A/D Converter
AD9212
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Eight ADCs integrated into 1 package
100 mW ADC power per channel at 65 MSPS
SNR = 60.8 dB (to Nyquist)
Excellent linearity
DNL = ±0.3 LSB (typical)
INL = ±0.4 LSB (typical)
Serial LVDS (ANSI-644, default)
Low power reduced signal option, IEEE 1596.3 similar
Data and frame clock outputs
325 MHz, full power analog bandwidth
2 V p-p input voltage range
1.8 V supply operation
Serial port control
Full-chip and individual-channel power-down modes
Flexible bit orientation
Built-in and custom digital test pattern generation
Programmable clock and data alignment
Programmable output resolution
Standby mode
APPLICATIONS
Medical imaging and nondestructive ultrasound
Portable ultrasound and digital beam forming systems
Quadrature radio receivers
Diversity radio receivers
Tape drives
Optical networking
Test equipment
GENERAL DESCRIPTION
The AD9212 is an octal, 10-bit, 40/65 MSPS analog-to-digital
converter (ADC) with an on-chip sample-and-hold circuit that
is designed for low cost, low power, small size, and ease of use.
The product operates at a conversion rate of up to 65 MSPS and
is optimized for outstanding dynamic performance and low
power in applications where a small package size is critical.
The ADC requires a single 1.8 V power supply and LVPECL-/
CMOS-/LVDS-compatible sample rate clock for full performance
operation. No external reference or driver components are
required for many applications.
The ADC automatically multiplies the sample rate clock for
the appropriate LVDS serial data rate. A data clock (DCO)
for capturing data on the output and a frame clock (FCO) for
signaling a new output byte are provided. Individual channel
power-down is supported and typically consumes less than
2 mW when all channels are disabled.
FUNCTIONAL BLOCK DIAGRAM
SERIAL
LVDS
REF
SELECT
AD9212
AGND
VIN–A
VIN+A
VIN–B
VIN+B
VIN–D
VIN+D
VIN–C
VIN+C
SENSE
VREF
AVDD
DRVDD
12
12
12
12
PDWN
REFT
REFB
D–A
D+A
D–B
D+B
D–D
D+D
D–C
D+C
FCO–
FCO+
DCO+
DCO–
CLK+
DRGND
CLK–
SERIAL PORT
INTERFACE
CSB
SCLK/
DTP
SDIO/
ODM
RBIAS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
ADC
ADC
ADC
ADC
DATA RATE
MULTIPLIER
0.5V
SERIAL
LVDS
VIN–E
VIN+E
VIN–F
VIN+F
VIN–H
VIN+H
VIN–G
VIN+G
12
12
12
12
D–E
D+E
D–F
D+F
D–H
D+H
D–G
D+G
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
ADC
ADC
ADC
ADC
Figure 1.
The ADC contains several features designed to maximize
flexibility and minimize system cost, such as programmable
clock and data alignment and programmable digital test pattern
generation. The available digital test patterns include built-in
deterministic and pseudorandom patterns, along with custom user-
defined test patterns entered via the serial port interface (SPI®).
The AD9212 is available in a Pb-free, 64-lead LFCSP package. It is
specified over the industrial temperature range of −40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
Small Footprint. Eight ADCs are contained in a small, space-
saving package; low power of 100 mW/channel at 65 MSPS.
2.
Ease of Use. A data clock output (DCO) operates up to
300 MHz and supports double data rate operation (DDR).
3.
User Flexibility. Serial port interface (SPI) control offers a wide
range of flexible features to meet specific system requirements.
4.
Pin-Compatible Family. This includes the AD9222 (12-bit),
and AD9252 (14-bit).


Similar Part No. - AD9212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9212 AD-AD9212 Datasheet
1Mb / 57P
Serial LVDS, 1.8 V ADC
Rev. E
AD9212-65EB1 AD-AD9212-65EB1 Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9212-65EBZ AD-AD9212-65EBZ Datasheet
1Mb / 56P
Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212-65EBZ AD-AD9212-65EBZ Datasheet
1Mb / 57P
Serial LVDS, 1.8 V ADC
Rev. E
AD9212ABCPZ-40 AD-AD9212ABCPZ-40 Datasheet
1Mb / 56P
Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results

Similar Description - AD9212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9222 AD-AD9222 Datasheet
2Mb / 56P
Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
9/06-Revision 0
AD9219 AD-AD9219 Datasheet
1Mb / 52P
Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9228 AD-AD9228 Datasheet
1Mb / 52P
Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com