Electronic Components Datasheet Search
  English  ▼

X  

AD9212 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9212
Description  Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9212 Datasheet(HTML) 3 Page - Analog Devices

  AD9212 Datasheet HTML 1Page - Analog Devices AD9212 Datasheet HTML 2Page - Analog Devices AD9212 Datasheet HTML 3Page - Analog Devices AD9212 Datasheet HTML 4Page - Analog Devices AD9212 Datasheet HTML 5Page - Analog Devices AD9212 Datasheet HTML 6Page - Analog Devices AD9212 Datasheet HTML 7Page - Analog Devices AD9212 Datasheet HTML 8Page - Analog Devices AD9212 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
AD9212
Rev. 0 | Page 3 of 56
SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 1.
AD9212-40
AD9212-65
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
10
10
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
±1.5
±8
±1.5
±8
mV
Offset Matching
Full
±3
±8
±3
±8
mV
Gain Error
Full
±0.4
±1.2
±3.2
±4.3
% FS
Gain Matching
Full
±0.3
±0.7
±0.4
±0.9
% FS
Differential Nonlinearity (DNL)
Full
±0.1
±0.4
±0.3
±0.65
LSB
Integral Nonlinearity (INL)
Full
±0.15
±0.5
±0.4
±1
LSB
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
ppm/°C
Gain Error
Full
±17
±17
ppm/°C
Reference Voltage (1 V Mode)
Full
±21
±21
ppm/°C
REFERENCE
Output Voltage Error (VREF = 1 V)
Full
±2
±30
±2
±30
mV
Load Regulation @ 1.0 mA (VREF = 1 V)
Full
3
3
mV
Input Resistance
Full
6
6
kΩ
ANALOG INPUTS
Differential Input Voltage Range (VREF = 1 V)
Full
2
2
V p-p
Common-Mode Voltage
Full
AVDD/2
AVDD/2
V
Differential Input Capacitance
Full
7
7
pF
Analog Bandwidth, Full Power
Full
325
325
MHz
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
IAVDD
Full
252
260
390
405
mA
IDRVDD
Full
49.5
53
54
58
mA
Total Power Dissipation (Including Output Drivers)
Full
542
560
800
833
mW
Power-Down Dissipation
Full
3
11
3
11
mW
Standby Dissipation2
Full
83
95
mW
CROSSTALK
Full
−90
−90
dB
CROSSTALK (Overrange Condition)3
Full
−90
−90
dB
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2 Can be controlled via SPI.
3 Overrange condition is specific with 6 dB of the full-scale input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com