Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9230
Description  12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9230 Datasheet HTML 4Page - Analog Devices AD9230 Datasheet HTML 5Page - Analog Devices AD9230 Datasheet HTML 6Page - Analog Devices AD9230 Datasheet HTML 7Page - Analog Devices AD9230 Datasheet HTML 8Page - Analog Devices AD9230 Datasheet HTML 9Page - Analog Devices AD9230 Datasheet HTML 10Page - Analog Devices AD9230 Datasheet HTML 11Page - Analog Devices AD9230 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AD9230
Preliminary Technical Data
Rev. PrE | Page 8 of 21
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD9230
56 Lead for
LFCSP
TOP VIEW
(Not to Scale)
11
D3-
D4-
D4+
D5-
D5+
DRVDD
DRGND
D6-
13
4
5
6
7
12
8
9
2
3
14
10
1
D6+
D7-
D7+
D8-
D8+
D3+
Pin 0 (exposed paddle) = AGND
AVDD
AVDD
AVDD
CML
AVDD
AVDD
AVDD
VIN-
VIN+
AVDD
AVDD
RBIAS
AVDD
34
32
41
40
39
38
33
37
36
42
31
35
30
29
PWDN
Figure 3. Pinout )
Table 5. PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
Description
30,32,33,34,37,38,39,41,
42,43,46
AVDD
1.8 V Analog Supply.
7, 24,47
DRVDD
1.8 V Digital Output Supply.
0
AGND1
Analog Ground.
8, 23,48
DRGND1
Digital Output Ground.
35
VIN+
Analog Input—True.
36
VIN–
Analog Input—Complement.
40
CML
Analog input common mode output pin
44
CLK+
Clock Input—True.
45
CLK–
Clock Input—Complement.
31
RBIAS
Set Pin for Chip Bias Current. (Place 1% X kohm resistor terminated to ground).
28
RESET
Chip Reset ( Active high)
25
SDIO
Serial port input/output pin
26
SCLK
Serial port clock
27
29
CSB
PWDN
Serial port chip select (Active low)
Chip power down
49
DCO–
Data Clock Output—Complement.
50
DCO+
Data Clock Output—True.
51
D0–
D0 Complement Output Bit (LSB).
52
D0+
D0 True Output Bit (LSB).
53
D1–
D1 Complement Output Bit.
1 AGND and DRGND should be tied to a common quiet ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com