Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9230
Description  12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 3 Page - Analog Devices

  AD9230 Datasheet HTML 1Page - Analog Devices AD9230 Datasheet HTML 2Page - Analog Devices AD9230 Datasheet HTML 3Page - Analog Devices AD9230 Datasheet HTML 4Page - Analog Devices AD9230 Datasheet HTML 5Page - Analog Devices AD9230 Datasheet HTML 6Page - Analog Devices AD9230 Datasheet HTML 7Page - Analog Devices AD9230 Datasheet HTML 8Page - Analog Devices AD9230 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Preliminary Technical Data
AD9230
Rev. PrE | Page 3 of 21
AD9230–SPECIFICATIONS
Table 1. DC SPECIFICATIONS (AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = –40°C, TMAX = +85°C, fIN = –0.5 dBFS, Internal Reference,
Full Scale = 1.25 V, DCS Enabled, unless otherwise noted.)
AD9230-170/-210
AD9230-250
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
25°C
TBD
TBD
mV
Gain Error
25°C
TBD
TBD
% FS
Differential Nonlinearity (DNL)
25°C
± 0.3
± 0.3
LSB
Full
± 0.3
± 0.3
LSB
Integral Nonlinearity (INL)
25°C
± 0.5
± 0.5
LSB
Full
± 0.5
± 0.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
TBD
TBD
μV/°C
Gain Error
Full
TBD
TBD
%/°C
ANALOG INPUTS (VIN+, VIN–)
Differential Input Voltage Range
Full
1.25
1.25
V
Input Common-Mode Voltage
Full
1.3
1.3
V
Input Resistance (differential)
Full
4
4
kΩ
Input Capacitance
25°C
2
2
pF
POWER SUPPLY (LVDS Mode)
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Currents
IANALOG(AVDD = 1.8 V) 1
Full
150
176
mA
IDIGITAL (DRVDD = 1.8 V)3
Full
60
60
mA
Power Dissipation3
Full
378
425
mW
Power Supply Rejection
25°C
TBD
TBD
mV/V
1 IAVDD and IDRVDD are measured with a dc input at rated Clock rate. See Typical Performance
Characteristics and Applications sections for IANALOG and IDRVDD with dynamic input vs clock rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com