Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9230
Description  12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9230 Datasheet HTML 11Page - Analog Devices AD9230 Datasheet HTML 12Page - Analog Devices AD9230 Datasheet HTML 13Page - Analog Devices AD9230 Datasheet HTML 14Page - Analog Devices AD9230 Datasheet HTML 15Page - Analog Devices AD9230 Datasheet HTML 16Page - Analog Devices AD9230 Datasheet HTML 17Page - Analog Devices AD9230 Datasheet HTML 18Page - Analog Devices AD9230 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Preliminary Technical Data
AD9230
Rev. PrE | Page 15 of 21
Figure 16. Single-Ended Input Configuration using SPI enabled CML function
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD9230 the sample clock inputs
(CLK+ and CLK-) should be clocked with a differential signal.
This signal is typically ac-coupled into the CLK+ and CLK- pins
via a transformer or capacitors. These pins are biased internally
and require no additional bias (See Figure X).
1.2V
CLK+
CLK-
2pF
2pF
AVDD
Figure .Equivalent Clock Input Circuit
Figure X shows one preferred method for clocking the AD9230.
The clock source (low jitter) is converted from single-ended to
differential using an RF transformer. The back-to-back Schottky
diodes across the transformer secondary limit clock excursions
into the AD9230 to approximately 0.8 V p-p differential. This
helps prevent the large voltage swings of the clock from feeding
through to other portions of the AD9230 while preserving the
fast rise and fall times of the signal, which are critical to a low
jitter performance.
Clock
Source
CLK+
CLK-
AD9230
Figure X. Transformer Coupled Differential Clock
If a low jitter clock is available, another option is to ac-couple a
differential PECL signal to the sample clock input pins as shown
in Figure X. The AD9512 (or same family) from offers excellent
jitter performance.
CLK+
CLK-
AD9230
0.1uF
0.1uF
AD9512
PECL
150
Ω
150
Ω
Figure X. Differential PECL Sample Clock
1.25Vp-p
R
49.9
Ω
0.1µF
10µF
0.1uF
AD9230
VIN+
VIN-
AVDD
AGND
CML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com