Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9230
Description  12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 1 Page - Analog Devices

  AD9230 Datasheet HTML 1Page - Analog Devices AD9230 Datasheet HTML 2Page - Analog Devices AD9230 Datasheet HTML 3Page - Analog Devices AD9230 Datasheet HTML 4Page - Analog Devices AD9230 Datasheet HTML 5Page - Analog Devices AD9230 Datasheet HTML 6Page - Analog Devices AD9230 Datasheet HTML 7Page - Analog Devices AD9230 Datasheet HTML 8Page - Analog Devices AD9230 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
12-Bit, 170/210/250 MSPS
1.8 V A/D Converter
Preliminary Technical Data
AD9230
Rev. PrE
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 65.5 dBFs @ fIN up to 70 MHz @ 250 MSPS
ENOB of 10.6 @ fIN up to 70 MHz @ 250 MSPS (–0.5 dBFS)
SFDR = 82 dBc@ fIN up to 70 MHz @ 250 MSPS (–0.5 dBFS)
Excellent Linearity
DNL = ±0.3 LSB (Typical)
INL = ±0.5 LSB (Typical)
LVDS at 250 MSPS (ANSI-644 levels)
900 MHz Full Power Analog Bandwidth
On-Chip Reference and Track-and-Hold
Power Dissipation = 425 mW Typical @ 250 MSPS
1.25 V Input Voltage Range
1.8 V Analog Supply Operation
Output Data Format Option
Data Clock Output Provided
Clock Duty Cycle Stabilizer
APPLICATIONS
Wireless and Wired Broadband Communications
Cable Reverse Path
Communications Test Equipment
Radar and Satellite Subsystems
Power Amplifier Linearization
PRODUCT DESCRIPTION
The AD9230 is a 12-bit monolithic sampling analog-to-digital
converter optimized for high performance, low power, and ease
of use. The product operates up to a 250 MSPS conversion rate
and is optimized for outstanding dynamic performance in
wideband carrier and broadband systems. All necessary
functions, including a track-and-hold (T/H) and voltage
reference, are included on the chip to provide a complete signal
conversion solution.
The ADC requires a 1.8 V analog voltage supply and a
differential clock for full performance operation. The digital
outputs are LVDS (ANSI-644) compatible and support either
twos complement, offset binary format or gray code. A data
clock output is available for proper output data timing.
12
Output
Staging -
LVDS
D11-D0
DCO-
DCO+
AVDD
(1.8V)
DrVDD
OTR+
12
Ref
ADC
12-bit
Core
T/H
Clock
Mgmt
CLK+
CLK-
SCLK
CSB
DGND
(Pin 0)
AGND
VIN+
VIN-
SDIO
Serial Port
OTR-
RESET
Figure 1. Functional Block Diagram
Fabricated on an advanced CMOS process, the AD9230 is
available in a 56-lead chip scale package (56 LFCSP) specified
over the industrial temperature range (–40°C to +85°C).
PRODUCT HIGHLIGHTS
1.
High Performance—Maintains 65.5 dB SNR @ 250 MSPS
with a 65 MHz input.
2.
Low Power—Consumes only 425 mW @ 250 MSPS.
3.
Ease of Use—LVDS output data and output clock signal
allow interface to current FPGA technology. The on-chip
reference and sample/hold provide flexibility in system
design. Use of a single 1.8 V supply simplifies system
power supply design. Supported DDR mode reduces
number of output data traces
4.
Serial Port Control - Standard serial port interface
supports various product functions such as data
formatting, enabling a clock duty cycle stabilizer, power
down, gain adjust and output test pattern generation.
5.
Pin compatible family – 10-bit pin compatible family
offered as AD9211.


Similar Part No. - AD9230

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9230 AD-AD9230 Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9230-11 AD-AD9230-11 Datasheet
655Kb / 29P
11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
Rev. 0
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
Rev. 0
AD9230-170EBZ AD-AD9230-170EBZ Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
More results

Similar Description - AD9230

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9626 AD-AD9626 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
11/07-Revision 0
AD9239 AD-AD9239 Datasheet
1Mb / 40P
Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9634 AD-AD9634 Datasheet
1Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9613 AD-AD9613 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com