Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9230
Description  12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9230 Datasheet HTML 5Page - Analog Devices AD9230 Datasheet HTML 6Page - Analog Devices AD9230 Datasheet HTML 7Page - Analog Devices AD9230 Datasheet HTML 8Page - Analog Devices AD9230 Datasheet HTML 9Page - Analog Devices AD9230 Datasheet HTML 10Page - Analog Devices AD9230 Datasheet HTML 11Page - Analog Devices AD9230 Datasheet HTML 12Page - Analog Devices AD9230 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Preliminary Technical Data
AD9230
Rev. PrE | Page 9 of 21
Pin Number
Mnemonic
Description
54
D1+
D1 True Output Bit.
55
D2–
D2 Complement Output Bit.
56
D2+
D2 True Output Bit.
1
D3–
D3 Complement Output Bit.
2
D3+
D3 True Output Bit.
3
D4–
D4 Complement Output Bit.
4
D4+
D4 True Output Bit.
5
D5–
D5 Complement Output Bit.
5
D5+
D5 True Output Bit.
9
D6–
D6 Complement Output Bit.
10
D6+
D6 True Output Bit.
11
D7–
D7 Complement Output Bit.
12
D7+
D7 True Output Bit.
13
D8–
D8 Complement Output Bit.
14
D8+
D8 True Output Bit.
15
D9–
D9 Complement Output Bit.
16
D9+
D9 True Output Bit.
17
D10–
D10 Complement Output Bit.
18
D10+
D10 True Output Bit.
19
D11–
D11 Complement Output Bit.
20
D11+
D11 True Output Bit.
21
OTR–
Overrange Complement Output Bit.
22
OTR+
Overrange True Output Bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com