Electronic Components Datasheet Search
  English  ▼

X  

REF35XXX Datasheet(PDF) 4 Page - Texas Instruments

Part # REF35XXX
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35XXX Datasheet(HTML) 4 Page - Texas Instruments

  REF35XXX Datasheet HTML 1Page - Texas Instruments REF35XXX Datasheet HTML 2Page - Texas Instruments REF35XXX Datasheet HTML 3Page - Texas Instruments REF35XXX Datasheet HTML 4Page - Texas Instruments REF35XXX Datasheet HTML 5Page - Texas Instruments REF35XXX Datasheet HTML 6Page - Texas Instruments REF35XXX Datasheet HTML 7Page - Texas Instruments REF35XXX Datasheet HTML 8Page - Texas Instruments REF35XXX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Input voltage
IN
–0.3
6.5
V
Enable voltage
EN
–0.3
IN + 0.3 (2)
V
Output voltage
VREF
–0.3
IN + 0.3 (2)
V
Output short circuit current
ISC
20
mA
Operating temperature range
TA
–55
125
°C
Storage temperature range
Tstg
–65
170
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
IN + 0.3 V or 6.5 V, whichever is lower
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins (1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC
JS-002, all pins (2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
IN
Input voltage (1)
VOUT + VDO (2)
6
V
EN
Enable voltage
0
IN
V
IL
Output current
–5
10
mA
TA
Operating temperature
–40
25
125
°C
(1)
For VREF = 1.024 V to 1.5 V, minimum VIN = 1.7 V
(2)
VDO = Dropout voltage
7.4 Thermal Information
THERMAL METRIC(1)
REF35
UNIT
DBV (SOT-23)
6 PINS
RθJA
Junction-to-ambient thermal resistance
164.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
102.5
°C/W
RθJB
Junction-to-board thermal resistance
59.6
°C/W
ΨJT
Junction-to-top characterization parameter
44.0
°C/W
ΨJB
Junction-to-board characterization parameter
59.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com