Electronic Components Datasheet Search
  English  ▼

X  

REF35XXX Datasheet(PDF) 11 Page - Texas Instruments

Part # REF35XXX
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35XXX Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF35XXX Datasheet HTML 7Page - Texas Instruments REF35XXX Datasheet HTML 8Page - Texas Instruments REF35XXX Datasheet HTML 9Page - Texas Instruments REF35XXX Datasheet HTML 10Page - Texas Instruments REF35XXX Datasheet HTML 11Page - Texas Instruments REF35XXX Datasheet HTML 12Page - Texas Instruments REF35XXX Datasheet HTML 13Page - Texas Instruments REF35XXX Datasheet HTML 14Page - Texas Instruments REF35XXX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VIN = VEN = VREF + 0.3 V, IL = 0 mA, CL = 10 µF, CIN = 0.1 µF (unless otherwise noted)
Frequency (Hz)
10
100
1000
10000
100000 1000000
1E+7
0
30
60
90
120
CIN=0.1F, CL=1F
Figure 7-25. Power Supply Rejection Ratio
(VREF = 2.5 V, IL = 0 mA)
Frequency (Hz)
10
100
1000
10000
100000 1000000
1E+7
0.05
1
10
100
1000
10000
CL = 0.1 F
CL = 1 F
CL = 10 F
Figure 7-26. Output Impedance
Temperature (
C)
-40
0
40
80
120
0
0.5
1
1.5
2
2.5
Figure 7-27. Quiescent Current vs Free-Air Temperature
Figure 7-28. Dropout Voltage vs Free-Air Temperature
Solder Heat Shift %
0
12
24
36
48
60
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
Figure 7-29. Solder Heat Shift Distribution
Time (hr)
0
400
800
1200
1600
2000
-200
-160
-120
-80
-40
0
40
80
120
160
200
Figure 7-30. Long Term Stability - 2000 hours (VREF)
www.ti.com
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com