Electronic Components Datasheet Search
  English  ▼

X  

REF35XXX Datasheet(PDF) 24 Page - Texas Instruments

Part # REF35XXX
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35XXX Datasheet(HTML) 24 Page - Texas Instruments

Back Button REF35XXX Datasheet HTML 20Page - Texas Instruments REF35XXX Datasheet HTML 21Page - Texas Instruments REF35XXX Datasheet HTML 22Page - Texas Instruments REF35XXX Datasheet HTML 23Page - Texas Instruments REF35XXX Datasheet HTML 24Page - Texas Instruments REF35XXX Datasheet HTML 25Page - Texas Instruments REF35XXX Datasheet HTML 26Page - Texas Instruments REF35XXX Datasheet HTML 27Page - Texas Instruments REF35XXX Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
A ceramic capacitor of at least a 0.1 μF must be connected to the output to improve stability and help filter out
high frequency noise. Add an additional 10 μF capacitor in parallel to improve transient performance in response
to sudden changes in load current; however, keep in mind that doing so increases the start-up time of the device.
Best performance and stability is attained with low-ESR, low-inductance ceramic chip-type output capacitors
(X5R, X7R, or similar). If using an electrolytic capacitor on the output, place a 0.1 μF ceramic capacitor in
parallel to reduce overall ESR on the output. Place the input and output capacitors as close as possible to the
device.
10.2.2.2.3 Selection of ADC
ADS7038 12-bit 8 channel multiplexed ADC is chosen for this application. The ADC offers low current operation
with averaging mode to increase the resolution to 16-bit with internal averaging modes while operating with slow
sampling speed.
10.2.2.3 Application Curves
Table 10-3 and Figure 10-3 show the captured measurement results for various DC inputs. The ADC output is
captured and analyzed for output accuracy error and code spread with REF35500 as power supply versus LDO
as power supply.
REF35 offers better accuracy and lower noise than the LDO device at lower quiescent current. This results in
lower error in measurement as well as lower ADC output code variation across various OSR settings.
Table 10-3. DC Input Performance Test Results
INPUT V
ADC OSR SETTING
REF35500
LDO
ERROR
CODE SPREAD
ERROR
CODE SPREAD
1.0 V
0
0.01 mV
32 LSB
8.9 mV
48 LSB
8
0.3 mV
10 LSB
9.21 mV
16 LSB
128
0.38 mV
6 LSB
9.26 mV
6 LSB
2.5 V
0
0.69 mV
32 LSB
22.89 mV
64 LSB
8
1.44 mV
10 LSB
23.63 mV
18 LSB
128
1.17 mV
3 LSB
23.41 mV
5 LSB
4 V
0
2.27 mV
32 LSB
37.84 mV
48 LSB
8
3.01 mV
24 LSB
38.62 mV
24 LSB
128
2.46 mV
3 LSB
38.09 mV
17 LSB
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com