Electronic Components Datasheet Search
  English  ▼

X  

REF35XXX Datasheet(PDF) 18 Page - Texas Instruments

Part # REF35XXX
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35XXX Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF35XXX Datasheet HTML 14Page - Texas Instruments REF35XXX Datasheet HTML 15Page - Texas Instruments REF35XXX Datasheet HTML 16Page - Texas Instruments REF35XXX Datasheet HTML 17Page - Texas Instruments REF35XXX Datasheet HTML 18Page - Texas Instruments REF35XXX Datasheet HTML 19Page - Texas Instruments REF35XXX Datasheet HTML 20Page - Texas Instruments REF35XXX Datasheet HTML 21Page - Texas Instruments REF35XXX Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Frequency (Hz)
10
100
1000
10000
100000
0
200
400
600
800
1000
CL = 0.1F
CL = 1F
CL = 10F
Figure 8-15. Noise Spectrum 10 Hz to 100 kHz
(VREF = 2.5 V)
Figure 8-16. Noise Spectrum 10 Hz to 100 kHz
(VREF = 5 V)
8.6 Power Dissipation
The REF35 voltage references are capable of source up to 10 mA and sink up to 5 mA of load current across the
rated input voltage range. However, when used in applications subject to high ambient temperatures, the input
voltage and load current must be carefully monitored to ensure that the device does not exceeded its maximum
power dissipation rating. The maximum power dissipation of the device can be calculated with Equation 3:
J
A
D
JA
T
T
P
R
T
u
(3)
where
• PD is the device power dissipation
• TJ is the device junction temperature
• TA is the ambient temperature
• RθJA is the package (junction-to-air) thermal resistance
Because of this relationship, acceptable load current in high temperature conditions may be less than the
maximum current-sourcing capability of the device. In no case should the device be operated outside of its
maximum power rating because doing so can result in premature failure or permanent damage to the device.
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com