Electronic Components Datasheet Search
  English  ▼

X  

REF35XXX Datasheet(PDF) 16 Page - Texas Instruments

Part # REF35XXX
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35XXX Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF35XXX Datasheet HTML 12Page - Texas Instruments REF35XXX Datasheet HTML 13Page - Texas Instruments REF35XXX Datasheet HTML 14Page - Texas Instruments REF35XXX Datasheet HTML 15Page - Texas Instruments REF35XXX Datasheet HTML 16Page - Texas Instruments REF35XXX Datasheet HTML 17Page - Texas Instruments REF35XXX Datasheet HTML 18Page - Texas Instruments REF35XXX Datasheet HTML 19Page - Texas Instruments REF35XXX Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
REF35xxx
CIN
GND
VIN
EN
NR
VREF
GND
Optional
CL
High-pass
Filter
Fc = 0.07Hz
Low Noise
Preamplifier
G = 1000
2
nd Order
High-pass
Filter
Fc = 0.1Hz
G = 10
2
nd Order
Low-pass
Filter
Fc = 10Hz
G = 10
2
nd Order
Low-pass
Filter
Fc = 10Hz
G = 1
Oscilloscope
Supply
Buffer
Figure 8-10. Low-Frequency (1/f) Noise Test Setup
Time (1sec/div)
GND
Figure 8-11. 0.1 Hz to 10 Hz Voltage Noise
Figure 8-12 shows the typical 1/f noise (0.1 Hz to 10 Hz) distribution across various load conditions. REF35
device also offers noise reduction functionality by adding an optional capacitor between NR (pin 5) and ground
pins.
Figure 8-13 shows the typical 1/f noise (0.1 Hz to 10 Hz) distribution across REF35 devices with various
capacitance between NR pin and GND.
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com