Electronic Components Datasheet Search
  English  ▼

X  

AD9910 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9910
Description  1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 4 Page - Analog Devices

  AD9910 Datasheet HTML 1Page - Analog Devices AD9910 Datasheet HTML 2Page - Analog Devices AD9910 Datasheet HTML 3Page - Analog Devices AD9910 Datasheet HTML 4Page - Analog Devices AD9910 Datasheet HTML 5Page - Analog Devices AD9910 Datasheet HTML 6Page - Analog Devices AD9910 Datasheet HTML 7Page - Analog Devices AD9910 Datasheet HTML 8Page - Analog Devices AD9910 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PRELIMINARY TECHNICAL DATA
AD9910
Rev. PrD| Page 4 of 13
AD9910—ELECTRICAL SPECIFICATIONS
Table 1. Unless otherwise noted, AVDD, DVDD = DVDD_I/O = 3.3 V ± 5%, RSET = 3.92 kΩ, External Reference Clock Frequency =
25 MHz with REFCLK Multiplier Enabled at 40×.
Parameter
Min
Typ
Max
Unit
REF CLOCK INPUT CHARACTERISTICS
Frequency Range
REFCLK Multiplier Disabled
1
1000
MHz
REFCLK Multiplier Enabled at 4×
TBD
250
MHz
REFCLK Multiplier Enabled at 64×
TBD
15.625
MHz
Input Capacitance
3
pF
Input Impedance
1.5
kΩ
Duty Cycle
50
%
Duty Cycle with REFCLK Multiplier Enabled
35
65
%
REFCLK Input Power1
–15
0
+3
dBm
DAC OUTPUT CHARACTERISTICS
Full Scale Output Current
20
30
mA
Gain Error
-0.5
+0.5
%FS
Output Offset
0.6
µA
Differential Nonlinearity
1
LSB
Integral Nonlinearity
2
LSB
Output Capacitance
5
pF
Residual Phase Noise @ 1 kHz Offset, 40 MHz AOUT
REFCLK Multiplier Enabled @ 64×
TBD
dBc/Hz
REFCLK Multiplier Enabled @ 4×
TBD
dBc/Hz
REFCLK Multiplier Disabled
–132
dBc/Hz
Voltage Compliance Range
2.5
V
Wideband SFDR
1 MHz to 80 MHz Analog Out
80
dBc
80 MHz to 160 MHz Analog Out
66
dBc
160 MHz to 240 MHz Analog Out
63
dBc
240 MHz to 320 MHz Analog Out
58
dBc
320 MHz to 400 MHz Analog Out
55
dBc
Narrow Band SFDR
80 MHz Analog Out (±1 MHz)
87
dBc
80 MHz Analog Out (±250 kHz)
89
dBc
80 MHz Analog Out (±50 kHz)
91
dBc
80 MHz Analog Out (±10 kHz)
93
dBc
240 MHz Analog Out (±1 MHz)
85
dBc
240 MHz Analog Out (±250 kHz)
87
dBc
240 MHz Analog Out (±50 kHz)
89
dBc
240 MHz Analog Out (±10 kHz)
91
dBc
320 MHz Analog Out (±1 MHz)
83
dBc
320 MHz Analog Out (±250 kHz)
85
dBc
320 MHz Analog Out (±50 kHz)
87
dBc
320 MHz Analog Out (±10 kHz)
89
dBc
400 MHz Analog Out (±1 MHz)
81
dBc
400 MHz Analog Out (±250 kHz)
83
dBc
400 MHz Analog Out (±50 kHz)
85
dBc
400 MHz Analog Out (±10 kHz)
87
dBc
TIMING CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com