Electronic Components Datasheet Search
  English  ▼

X  

AD9910 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9910
Description  1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9910 Datasheet HTML 5Page - Analog Devices AD9910 Datasheet HTML 6Page - Analog Devices AD9910 Datasheet HTML 7Page - Analog Devices AD9910 Datasheet HTML 8Page - Analog Devices AD9910 Datasheet HTML 9Page - Analog Devices AD9910 Datasheet HTML 10Page - Analog Devices AD9910 Datasheet HTML 11Page - Analog Devices AD9910 Datasheet HTML 12Page - Analog Devices AD9910 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PRELIMINARY TECHNICAL DATA
AD9910
Rev. PrD| Page 12 of 13
Figure 6: Linear ramp modulation mode
PARALLEL DATA PORT MODULATION MODE
In parallel data port modulation mode (Figure 7) the modu-
lated DDS signal control parameter(s) are supplied directly
from the 18-bit parallel data port.
The data port is partitioned into two sections. The 16 MSBs make up a 16-bit
data word and the 2 LSBs make up a 2-bit destination word. The destination
word defines how the 16-bit data word is applied to the DDS signal control
parameters.
Table 2 defines the relationship between the destination bits, the
partitioning of the 16-bit data word and the destination of the
data (in terms of the DDS signal control parameters).
NOTE: When the OSK function is enabled, its amplitude data
overrides any parallel port data that is destined for the DDS am-
plitude control parameter.
The sample rate of the parallel data port is ¼ of the DAC sample
rate. The AD9910 generates the PDCLK signal, which is a clock
signal that runs at ¼ of the DAC sample rate and serves as a
data clock. Each rising edge of PDCLK is used to latch the 18
bits of user-supplied data into the data port.
The AD9910 also accepts a user generated TxEn signal that acts
as a gate for the user supplied data. When TxEn is logic 0 the
device ignores the data supplied to the port. However, inter-
nally, the 16-bit data words are either forced to logic zeros or
held at their last state when TxEn transitions from a logic 1 to a
logic 0. The treatment of the 16-bit data words when TxEn is
logic 0 is controlled by a bit in the programming registers. The
destination bits, on the other hand, always retain their last state
when TxEn transitions to a logic 0.
When the destination bits indicate that the data word is des-
tined as a DDS frequency parameter, there is an additional con-
sideration. Recall that the DDS frequency parameter is a 32-bit
word. However, the data word is only 16 bits, which means that
the 16-bit data word must somehow be properly aligned with
the 32-bit frequency parameter. This is accomplished by means
of 4-bit FM Gain word in the programming registers. The FM
Gain word allows the user to apply a weighting factor to the 16-
bit data word.
The default value of the FM Gain word is 0. In the default state,
the data word and the DDS frequency parameter are LSB
aligned. Each increment in the value of the FM Gain word
shifts the 16-bit data word to the left relative to the DDS fre-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com