Electronic Components Datasheet Search
  English  ▼

X  

AD9910 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9910
Description  1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9910 Datasheet HTML 5Page - Analog Devices AD9910 Datasheet HTML 6Page - Analog Devices AD9910 Datasheet HTML 7Page - Analog Devices AD9910 Datasheet HTML 8Page - Analog Devices AD9910 Datasheet HTML 9Page - Analog Devices AD9910 Datasheet HTML 10Page - Analog Devices AD9910 Datasheet HTML 11Page - Analog Devices AD9910 Datasheet HTML 12Page - Analog Devices AD9910 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PRELIMINARY TECHNICAL DATA
AD9910
Rev. PrD| Page 9 of 13
automatic), this device controls the OSK function. In manual mode, it toggles the multiplier
between 0 (low) and the programmed amplitude scale factor (high). In automatic mode, a
low sweeps the amplitude down to zero, a high sweeps the amplitude up to the amplitude
scale factor.
61
LS_OVER
0
Digital output (active high). Linear Sweep Over: Upon completion of a linear frequency
sweep, this flag will toggle high.
62
LSCTL
I
Digital input (active high). Linear Sweep Control: controls the direction of linear sweep
operation. A high will sweep the frequency from initial frequency to terminal frequency, a
low will sweep from the terminal frequency to the initial frequency.
63
LSHOLD
I
Digital input (active high). Linear Sweep Hold: this pin will stall a linear sweep operation
prior to reaching the final frequency (initial or terminal) during a rising or falling linear
sweep.
67
SDIO
I/O
Digital input/output (active high). Serial data input/output: this pin can be either uni-
directional or bidirectional (default), depending on configuration settings. In bidirectional
serial port mode, this pin acts as the serial data input and output. In unidirectional, it is an
input only.
68
SDO
O
Digital output (active high). Serial Data output: this pinis only active in unidirectional serial
data mode. In this mode, it functions as the output. In bidirectional mode, this pin is not
operational and should be left floating.
69
SCLK
O
Digital clock (rising edge on write, falling edge on read). Serial data clock: this pin provides
the serial data clock for the control data path. Write operations to the AD9910 use the
rising edge. Readback operations from the AD9910 use the falling edge.
70
CS
I
Ditial input (active low) Chip Select: This pin allows the AD9910 to operate on a common
serial bus for the control data path. Bringing this pin low enables the AD9910 to detect
serial clock rising/falling edges. Bringing this pin high will cause the AD9910 to ignore
input on the serial data pins.
71
I/O_RESET
I
Digital input (active high) I/O Reset: Rather than resetting the entire device during a failed
communication cycle, when brought high this pin will reset the state machine of the serial
port controller and clear any I/O buffers that have been written since the last I/O Update.
When unused, tie this pin to ground to avoid accidental resets.
80
IOUT
O
Analog output (current mode): Open source DAC complementary output source. Connect
through 50Ω to AGND.
81
IOUT
O
Analog output (current mode): Open source DAC output source. Connect through 50Ω to
AGND.
84
DAC_RSET
O
Analog reference pin: programs the DAC output full scale reference current. Attach a 10KΩ
resistor to AGND.
90
CLK
I
Analog input(active high): Reference CLK input. Can be driven by either an external
oscillator or a simple crystal when the internal oscillator is engaged.
91
CLK
I
Analog input(active high): Reference CLK input
94
XTAL_OUT
O
Analog output (active high). Crystal Output: Provides the output of the internal oscillator’s
response to a crystal.
95
XTAL_SEL
O
Analog input (active high). Crystal select: A high on this pin (AVDD) enables the internal
oscillator for clocking the part with a crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com