Electronic Components Datasheet Search
  English  ▼

X  

AD9910 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9910
Description  1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 1 Page - Analog Devices

  AD9910 Datasheet HTML 1Page - Analog Devices AD9910 Datasheet HTML 2Page - Analog Devices AD9910 Datasheet HTML 3Page - Analog Devices AD9910 Datasheet HTML 4Page - Analog Devices AD9910 Datasheet HTML 5Page - Analog Devices AD9910 Datasheet HTML 6Page - Analog Devices AD9910 Datasheet HTML 7Page - Analog Devices AD9910 Datasheet HTML 8Page - Analog Devices AD9910 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 GSPS 14-Bit, 3.3V CMOS
Direct Digital Synthesizer
Preliminary Technical Data
AD9910
Rev. PrD
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
1GSPS internal clock speed (up to 400MHz analog out)
Integrated 1GSPS 14-bit DAC
32-bit tuning word
Phase noise ≤ –123 dBc/Hz @ 1 kHz offset (400Mhz carrier)
Excellent dynamic performance >80 dB narrowband SFDR
Serial I/O control
Automatic linear and nonlinear frequency sweeping
capability
8 frequency/phase offset profiles
1.8V & 3.3 V power supply
Software and hardware controlled power-down
100-lead TQFP/EP package
Integrated 1024 word × 32-bit RAM
PLL REFCLK multiplier
Parallel Datapath Interface
Internal oscillator, can be driven by a single crystal
Phase modulation capability
Amplitude modulation capability
Multichip synchronization
APPLICATIONS
Agile LO frequency synthesis
Programmable clock generator
FM chirp source for radar and scanning systems
Test and measurement equipment
Acousto-optic device drivers
Polar Modulator
Fast Frequency Hopping
FUNCTIONAL BLOCK DIAGRAM
Figure 1. AD9910 Functional Block Diagram


Similar Part No. - AD9910

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9910 AD-AD9910 Datasheet
1Mb / 60P
1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
5/07-Revision 0
AD9910 AD-AD9910 Datasheet
390Kb / 3P
Synchronizing Multiple AD9910 1 GSPS Direct Digital Synthesizers
REV. A
AD9910 AD-AD9910 Datasheet
1Mb / 64P
CMOS Direct Digital Synthesizer
10/2016-Rev. D to Rev. E
AD9910/PCBZ AD-AD9910/PCBZ Datasheet
1Mb / 60P
1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
5/07-Revision 0
AD9910BSVZ AD-AD9910BSVZ Datasheet
1Mb / 60P
1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
5/07-Revision 0
More results

Similar Description - AD9910

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9953 AD-AD9953 Datasheet
473Kb / 42P
400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
AD9858 AD-AD9858 Datasheet
1Mb / 32P
1 GSPS Direct Digital Synthesizer
AD9912 AD-AD9912 Datasheet
113Kb / 3P
1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
6/10-Rev. E to Rev. F
AD9910 AD-AD9910_07 Datasheet
1Mb / 60P
1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
5/07-Revision 0
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
1 GSPS Direct Digital Synthesizer
REV. C
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9858 AD-AD9858_15 Datasheet
838Kb / 32P
1 GSPS Direct Digital Synthesizer
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
AD9953 AD-AD9953_17 Datasheet
648Kb / 32P
400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
1/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com