Electronic Components Datasheet Search
  English  ▼

X  

BF1101 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BF1101
Description  N-channel dual-gate MOS-FETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1101 Datasheet(HTML) 5 Page - NXP Semiconductors

  BF1101 Datasheet HTML 1Page - NXP Semiconductors BF1101 Datasheet HTML 2Page - NXP Semiconductors BF1101 Datasheet HTML 3Page - NXP Semiconductors BF1101 Datasheet HTML 4Page - NXP Semiconductors BF1101 Datasheet HTML 5Page - NXP Semiconductors BF1101 Datasheet HTML 6Page - NXP Semiconductors BF1101 Datasheet HTML 7Page - NXP Semiconductors BF1101 Datasheet HTML 8Page - NXP Semiconductors BF1101 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 May 14
5
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1101; BF1101R; BF1101WR
Fig.5 Transfer characteristics; typical values.
VDS =5V.
Tj =25 °C.
handbook, halfpage
0
20
8
12
16
4
0
0.4
MGS299
0.8
1.2
1.6
2
ID
(mA)
VG1-S (V)
3.5 V
3 V
2.5 V
2 V
1 V
1.5 V
VG2-S = 4 V
Fig.6 Output characteristics; typical values.
VG2-S =4V.
Tj =25 °C.
handbook, halfpage
0
20
8
12
16
4
0
2
MGS300
468
ID
(mA)
VDS (V)
1.5 V
1.4 V
1.3 V
1.2 V
1.1 V
1 V
VG1-S = 1.6 V
Fig.7
Gate 1 current as a function of gate 1
voltage; typical values.
VDS =5V.
Tj =25 °C.
handbook, halfpage
0
100
40
60
80
20
0
0.5
MGS301
1
1.5
2
2.5
IG1
(
µA)
VG1-S (V)
3.5 V
3 V
2.5 V
2 V
VG2-S = 4 V
Fig.8
Forward transfer admittance as a
function of drain current; typical values.
VDS =5V.
Tj =25 °C.
handbook, halfpage
0
40
20
30
10
0
816
412
20
MGS302
ID (mA)
yfs
(mS)
3 V
2.5 V
2 V
VG2-S = 4 V
3.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com