Electronic Components Datasheet Search
  English  ▼

X  

BF1101 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BF1101
Description  N-channel dual-gate MOS-FETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1101 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BF1101 Datasheet HTML 5Page - NXP Semiconductors BF1101 Datasheet HTML 6Page - NXP Semiconductors BF1101 Datasheet HTML 7Page - NXP Semiconductors BF1101 Datasheet HTML 8Page - NXP Semiconductors BF1101 Datasheet HTML 9Page - NXP Semiconductors BF1101 Datasheet HTML 10Page - NXP Semiconductors BF1101 Datasheet HTML 11Page - NXP Semiconductors BF1101 Datasheet HTML 12Page - NXP Semiconductors BF1101 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 May 14
9
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1101; BF1101R; BF1101WR
Table 1
Scattering parameters: VDS = 5 V; VG2-S = 4 V; ID = 12 mA; Tamb =25 °C
Table 2
Noise data: VDS = 5 V; VG2-S = 4 V; ID = 12 mA; Tamb =25 °C
f
(MHz)
S11
S21
S12
S22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
50
0.987
−4.1
2.922
175.0
0.001
87.6
0.990
−2.2
100
0.985
−8.1
2.908
170.3
0.001
86.1
0.989
−4.3
200
0.976
−16.1
2.875
160.8
0.003
83.3
0.985
−8.5
300
0.963
−23.9
2.820
157.6
0.004
80.4
0.982
−12.6
400
0.949
−31.6
2.762
142.6
0.005
78.2
0.977
−16.8
500
0.933
−38.8
2.665
134.1
0.005
77.8
0.972
−20.8
600
0.916
−45.7
2.591
125.7
0.005
78.9
0.967
−24.7
700
0.897
−52.2
2.498
117.7
0.006
81.8
0.961
−28.5
800
0.877
−58.4
2.410
109.6
0.005
89.1
0.957
−32.2
900
0.856
−64.5
2.318
101.6
0.006
97.1
0.950
−35.8
1000
0.832
−70.3
2.214
94.2
0.006
110.4
0.946
−39.6
f
(MHz)
Fmin
(dB)
Γopt
Rn
(
Ω)
(ratio)
(deg)
800
1.5
0.715
58.3
37.85
Fig.21 Cross-modulation test set-up.
handbook, full pagewidth
DUT
C1
4.7 nF
R1
10 k
Ω
MGS315
C4
4.7 nF
L1
≈2.2 µH
C3
4.7 nF
RL
50
Ω
VGG
VAGC
VDS
RGEN
50
Ω
VI
R2
50
Ω
4.7 nF
C2
RG1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com