Electronic Components Datasheet Search
  English  ▼

X  

BF1101 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BF1101
Description  N-channel dual-gate MOS-FETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1101 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BF1101 Datasheet HTML 3Page - NXP Semiconductors BF1101 Datasheet HTML 4Page - NXP Semiconductors BF1101 Datasheet HTML 5Page - NXP Semiconductors BF1101 Datasheet HTML 6Page - NXP Semiconductors BF1101 Datasheet HTML 7Page - NXP Semiconductors BF1101 Datasheet HTML 8Page - NXP Semiconductors BF1101 Datasheet HTML 9Page - NXP Semiconductors BF1101 Datasheet HTML 10Page - NXP Semiconductors BF1101 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1999 May 14
7
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1101; BF1101R; BF1101WR
Fig.13 Gate 1 current as a function of gate 2
voltage; typical values.
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG); see Fig.21.
handbook, halfpage
0
40
20
30
10
0
MGS307
26
4
IG1
(
µA)
VG2-S (V)
4.5 V
4 V
3.5 V
3 V
VGG = 5 V
Fig.14 Typical gain reduction as a function of
the AGC voltage; see Fig.21.
handbook, halfpage
0
0
−30
−20
−10
−40
−50
1
MGS308
234
gain
reduction
(dB)
VAGC (V)
(2)
(1)
(3)
VDS = 5 V; VGG = 5 V; f = 50 MHz; Tamb =25 °C.
(1) RG1 =68kΩ.
(2) RG1 = 120 kΩ.
(3) RG1 = 180 kΩ.
Fig.15 Unwanted voltage for 1% cross-modulation
as a function of gain reduction;
typical values; see Fig.21.
handbook, halfpage
0
120
90
100
110
80
10
MGS309
20
30
40
50
Vunw
(dB
µV)
gain reduction (dB)
(2)
(3)
(1)
VDS = 5 V; VGG = 5 V; f = 50 MHz; funw = 60 MHz; Tamb =25 °C.
(1) RG1 =68kΩ.
(2) RG1 = 120 kΩ.
(3) RG1 = 180 kΩ.
Fig.16 Drain current as a function of gain reduction;
typical values; see Fig.21.
handbook, halfpage
0
25
10
15
20
5
0
10
MGS310
20
30
40
50
ID
(mA)
gain reduction (dB)
(2)
(3)
(1)
VDS = 5 V; VGG = 5 V; f = 50 MHz; Tamb =25 °C.
(1) RG1 =68kΩ.
(2) RG1 = 120 kΩ.
(3) RG1 = 180 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com