Electronic Components Datasheet Search
  English  ▼

X  

BF1101 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF1101
Description  N-channel dual-gate MOS-FETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1101 Datasheet(HTML) 4 Page - NXP Semiconductors

  BF1101 Datasheet HTML 1Page - NXP Semiconductors BF1101 Datasheet HTML 2Page - NXP Semiconductors BF1101 Datasheet HTML 3Page - NXP Semiconductors BF1101 Datasheet HTML 4Page - NXP Semiconductors BF1101 Datasheet HTML 5Page - NXP Semiconductors BF1101 Datasheet HTML 6Page - NXP Semiconductors BF1101 Datasheet HTML 7Page - NXP Semiconductors BF1101 Datasheet HTML 8Page - NXP Semiconductors BF1101 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 May 14
4
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1101; BF1101R; BF1101WR
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. RG1 connects G1 to VGG = 5 V; see Fig.21.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VG2-S = 4 V; VDS = 5 V; ID = 12 mA; unless otherwise specified.
Note
1. Measured in test circuit of Fig.21.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VG1-S =VG2-S = 0; ID =10 µA7
−
V
V(BR)G1-SS gate 1-source breakdown voltage
VG2-S =VDS = 0; IG1-S = 10 mA
7
16
V
V(BR)G2-SS gate 2-source breakdown voltage
VG1-S =VDS = 0; IG2-S = 10 mA
7
16
V
V(F)S-G1
forward source-gate 1 voltage
VG2-S =VDS = 0; IS-G1 = 10 mA
0.5
1.5
V
V(F)S-G2
forward source-gate 2 voltage
VG1-S =VDS = 0; IS-G2 = 10 mA
0.5
1.5
V
VG1-S (th)
gate 1-source threshold voltage
VG2-S =4V; VDS =5V; ID = 100 µA
0.3
1.0
V
VG2-S (th)
gate 2-source threshold voltage
VG1-S =5V; VDS =5V; ID = 100 µA
0.3
1.2
V
IDSX
drain-source current
VG2-S =4V; VDS =5V; RG1 = 120 kΩ;
note 1
816
mA
IG1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S =5V
−
50
nA
IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S =4V
−
20
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
yfs
forward transfer admittance
pulsed; Tj =25 °C
253040mS
Cig1-ss
input capacitance at gate 1
f = 1 MHz
−
2.2
2.7
pF
Cig2-ss
input capacitance at gate 2
f = 1 MHz
−
1.6
−
pF
Coss
output capacitance
f = 1 MHz
−
1.2
−
pF
Crss
reverse transfer capacitance f = 1 MHz
−
25
35
fF
F
noise figure
f = 800 MHz; YS =YS opt
−
1.7
2.5
dB
Xmod
cross-modulation
input level for k = 1% at 0 dB AGC;
fw = 50 MHz; funw = 60 MHz; note 1
85
−−
dB
µV
input level for k = 1% at 40 dB AGC;
fw = 50 MHz; funw = 60 MHz; note 1
100
−−
dB
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com